Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


32170 Datasheet(Fiches technique) 3 Page - Mitsubishi Electric Semiconductor

Numéro de pièce 32170
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
Télécharger  49 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 
 3 page
background image
Mitsubishi Microcomputers
3
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
2001-5-14 Rev.1.0
32170 Group, 32174 Group
Figure 2 Pin Layout Diagram of the 255FBGA
Package 255FBGA
AB
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AD1IN12
AD1IN13
AD1IN14
AD1IN15
AVSS1
P43
/RD
P44
/CS0
P45
/CS1
P46
/A13
P47
/A14
P220
/CTX
P221
/CRX
P222
P223
P224
/A11
P225
/A12
VSS
OSC-
VSS
XIN
XOUT
OSC-
VCC
VSS
VCNT
VSS
P30
/A15
P31
/A16
P32
/A17
P33
/A18
P34
/A19
P35
/A20
TRCLK
TRSYNC
P36
/A21
P37
/A22
P20
/A23
P21
/A24
P23
/A26
P22
/A25
VCCE
VSS
P24
/A27
P25
/A28
P26
/A29
P27
/A30
P00
/DB0
P01
/DB1
P02
/DB2
P03
/DB3
P04
/DB4
P05
/DB5
P06
/DB6
P07
/DB7
VCCE
VSS
P10
/DB8
P11
/DB9
P12
/DB10
P13
/DB11
P14
/DB12
P15
/DB13
P16
/DB14
P17
/DB15
VREF0
AVCC0
AD0IN0
AD0IN1
AD0IN2
AD0IN3 AD0IN4
AD0IN5
AD0IN6
AD0IN7 AD0IN8
AD0IN9
AD0IN10
AD0IN11 AD0IN12
AD0IN13
AD0IN14
AD0IN15 AVSS0
VCCE
VSS
P180
/TO29
P181
/TO30
P182
/TO31
P183
/TO32
P184
/TO33
P185
/TO34
P186
/TO35
P187
/TO36
P190
/TIN26
P191
/TIN27
P192
/TIN28
P193
/TIN29
P194
/TIN30
P196
/TIN32
P195
/TIN31
P197
/TIN33
VCCI
VSS
P160
/TO21
P161
/TO22
P162
/TO23
P163
/TO24
P164
/TO25
P165
/TO26
P166
/TO27
P167
/TO28
P172
/TIN24
P173
/TIN25
P174
/TXD2
P175
/RXD2
P176
/TXD3
P177
/RXD3
VCCE
VSS
P82
/TXD0
P87
/SCLK1
P84
/SCLK0
P85
/TXD1
P86
/RXD1
TRDATA
0
TRDATA
1
TRDATA
2
TRDATA
3
P200
/TXD4
P201
/RXD4
P202
/TXD5
P203
/RXD5
VCCI
VSS
P83
/RXD0
VSS
P61
P62
FVCC
P64
/SBI
P65
/SCLK4
P66
/SCLK5
P63
VCCI
VSS
VCCE
P67
/ADTRG
P71
/WAIT
P72
/HREQ
P73
/HACK
P74/
RTDTXD
P75/
RTDRXD
P76/
RTDACK
P77/
RTDCLK
P93
/TO16
P94
/TO17
P95
/TO18
P96
/TO19
P97
/TO20
RESET
MOD0
MOD1
FP
VCCE
VSS
P110
/TO0
P111
/TO1
P112
/TO2
P113
/TO3
TRDATA
4
TRDATA
5
TRDATA
6
TRDATA
7
P114
/TO4
P115
/TO5
P116
/TO6
P117
/TO7
P100
/TO8
P101
/TO9
P102
/TO10
VDD
VCCI
VSS
P210
/TO37
P211
/TO38
P212
/TO39
P214
/TO41
P215
/TO42
P213
/TO40
P216
/TO43
P217
/TO44
JDBI
JTCK
JEVENT
0
JTRST
JEVENT
1
JTDO
JTDI
P103
/TO11
P104
/TO12
P105
/TO13
P106
/TO14
P107
/TO15
P124
/TCLK0
P125
/TCLK1
P126
/TCLK2
P127
/TCLK3
VCCI
VSS
P130
/TIN16
P131
/TIN17
P132
/TIN18
P133
/TIN19
P134
/TIN20
P135
/TIN21
P136
/TIN22
P137
/TIN23
VCCE
VSS
P140
/TIN8
P141
/TIN9
P142
/TIN10
P143
/TIN11
P144
/TIN12
P145
/TIN13
P146
/TIN14
P147
/TIN15
P150
/TIN0
P151
/TIN1
P152
/TIN2
P153
/TIN3
P154
/TIN4
P155
/TIN5
P156
/TIN6
P157
/TIN7
P41
/BLW
P42
/BHW
VCCI
VSS
VREF1 AVCC1
AD1IN0
AD1IN1
AD1IN2 AD1IN3
AD1IN4
AD1IN5
AD1IN6 AD1IN7
AD1IN8 AD1IN10
AD1IN9 AD1IN11
M32170F3VWG
M32170F4VWG
M32170F6VWG
M32174F3VWG
M32174F4VWG
P70
/BCLK
JTMS
N.C
N.C
Pin Assignment(top view)
Note 1: NC pin (W19, Y1) shows non-connect. Be open state.
Note 2: Use caution when using P224/A11 and P225/A12 because they have a debug event function.
Note 3: 255FBGA is currently under development.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37221M6SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37516F8HPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37733MHBXXXFPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736MHBXXXGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37273MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
MN14826CMOS 4-Bit Single-Chip Microcomputer for Frequency Synthesizer TV Tuning Systems 1 2 3 4 5 MorePanasonic Semiconductor
M30302M8LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
CXP852P32ACMOS 8-bit Single-chip Microcomputer 1 2 3 4 5 MoreSony Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl