Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7512E Fiches technique(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC7512E
Description  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7512E Fiches technique(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC7512E Datasheet HTML 7Page - Burr-Brown (TI) DAC7512E Datasheet HTML 8Page - Burr-Brown (TI) DAC7512E Datasheet HTML 9Page - Burr-Brown (TI) DAC7512E Datasheet HTML 10Page - Burr-Brown (TI) DAC7512E Datasheet HTML 11Page - Burr-Brown (TI) DAC7512E Datasheet HTML 12Page - Burr-Brown (TI) DAC7512E Datasheet HTML 13Page - Burr-Brown (TI) DAC7512E Datasheet HTML 14Page - Burr-Brown (TI) DAC7512E Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DAC7512
11
SBAS156B
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +2.7V (Cont.)
At TA = +25°C, +VDD = +2.7V, unless otherwise noted.
EXITING POWER-DOWN
(800
H Loaded)
Time (5
µs/div)
CLK (2.7V/div)
V
OUT (1V/div)
CODE CHANGE GLITCH
Time (0.5
µs/div)
Loaded with 2k
and 200pF to GND.
Code Change:
800
H to 7FFH.
THEORY OF OPERATION
DAC SECTION
The DAC7512 is fabricated using a CMOS process. The
architecture consists of a string DAC followed by an output
buffer amplifier. Since there is no reference input pin, the
power supply (VDD) acts as the reference. Figure 1 shows a
block diagram of the DAC architecture.
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating rail-to-
rail voltages on its output which gives an output range of
0V to VDD. It is capable of driving a load of 2kΩ in parallel
with 1000pF to GND. The source and sink capabilities of the
output amplifier can be seen in the typical characteristics.
The slew rate is 1V/µs with a half-scale settling time of 8µs
with the output unloaded.
FIGURE 1. DAC7512 Architecture.
DAC Register
REF (+)
Resistor
String
REF(–)
Output
Amplifier
GND
V
DD
V
OUT
The input coding to the DAC7512 is straight binary, so the
ideal output voltage is given by:
VOUT = VDD
D
4096
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 4095.
RESISTOR STRING
The resistor string section is shown in Figure 2. It is simply
a string of resistors, each of value R. The code loaded into
the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier by
closing one of the switches connecting the string to the
amplifier. It is tested monotonic because it is a string of
resistors.
FIGURE 2. Resistor String.
To Output
Amplifier
R
R
R
R
R


Numéro de pièce similaire - DAC7512E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7512E-250 TI1-DAC7512E-250 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7512E-250G4 TI1-DAC7512E-250G4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7512E-2K5 TI1-DAC7512E-2K5 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7512E/250G4 TI1-DAC7512E/250G4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
More results

Description similaire - DAC7512E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com