Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV27 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LV27
Description  Triple 3-input NOR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV27 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LV27 Datasheet HTML 1Page - NXP Semiconductors 74LV27 Datasheet HTML 2Page - NXP Semiconductors 74LV27 Datasheet HTML 3Page - NXP Semiconductors 74LV27 Datasheet HTML 4Page - NXP Semiconductors 74LV27 Datasheet HTML 5Page - NXP Semiconductors 74LV27 Datasheet HTML 6Page - NXP Semiconductors 74LV27 Datasheet HTML 7Page - NXP Semiconductors 74LV27 Datasheet HTML 8Page - NXP Semiconductors 74LV27 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LV27
Triple 3-input NOR gate
1998 Apr 20
4
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7
<VCC
0.7
<VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3
<VCC
0.3
<VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5V; VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VOH
HIGH level output
voltage;
VCC = 3.0V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5V; VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5V; VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA


Numéro de pièce similaire - 74LV27

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273D PHILIPS-74LV273D Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273DB PHILIPS-74LV273DB Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273N PHILIPS-74LV273N Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LV273PW PHILIPS-74LV273PW Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results

Description similaire - 74LV27

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com