Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-CM12-P0C00 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-CM12-P0C00 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 9 page 2 Package Dimensions 1.14 ± 0.20 (0.045 ± 0.008) NOTE 1 5.80 ± 0.20 (0.228 ± 0.008) 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. ∅ CATHODE LEAD 2.35 (0.093) MAX. CATHODE FLAT Package A Package B 5.80 ± 0.20 (0.228 ± 0.008) 2.54 ± 0.38 (0.100 ± 0.015) ∅ CATHODE FLAT 1.14 ± 0.20 (0.045 ± 0.008) NOTE 1 5.00 ± 0.20 (0.197 ± 0.008) 31.60 (1.244) MIN. 0.70 (0.028) MAX. 1.50 ± 0.15 (0.059 ± 0.006) 1.00 (0.039) MIN. 8.71 ± 0.20 (0.343 ± 0.008) DIMENSION H (REFER TO TABLE BELOW) 0.50 ± 0.10 (0.020 ± 0.004) SQ. TYP. NOTES: 1. MEASURED JUST ABOVE FLANGE. 2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 3. EPOXY MENISCUS MAY EXTEND ABOUT 1 mm (0.040") DOWN THE LEADS. 4. IF HEAT SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE. DIMENSION H: 15 ° = 11.40 ± 0.25 mm (0.449 ± 0.01 INCH) 23 ° = 11.85 ± 0.25 mm (0.467 ± 0.01 INCH) 30 ° = 11.50 ± 0.25 mm (0.453 ± 0.01 INCH) CATHODE LEAD |
Numéro de pièce similaire - HLMP-CM12-P0C00 |
|
Description similaire - HLMP-CM12-P0C00 |