Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-CE26-N0C00 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-CE26-N0C00
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE26-N0C00 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CE26-N0C00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CE26-N0C00 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Device Selection Guide
Typical
Viewing Angle,
Intensity (cd) at 20 mA
Package
Part Number
Color
2q1/2 (Degree)
Min.
Max.
Standoff
Dimension
Lens
HLMP-CB11-TW0xx
Blue
15
2.5
7.2
No
A
Clear
HLMP-CB11-UVAxx
Blue
15
3.2
5.5
No
A
Clear
HLMP-CB12-TW0xx
Blue
15
2.5
7.2
Yes
B
Clear
HLMP-CM11-Y20xx
Green
15
9.3
27.0
No
A
Clear
HLMP-CM11-Z1Cxx
Green
15
12.0
21.0
No
A
Clear
HLMP-CM12-Y20xx
Green
15
9.3
27.0
Yes
B
Clear
HLMP-CE11-X10xx
Cyan
15
7.2
21.0
No
A
Clear
HLMP-CE12-X10xx
Cyan
15
7.2
21.0
Yes
B
Clear
HLMP-CB26-SV0xx
Blue
23
1.9
5.5
No
A
Clear
HLMP-CB26-TUDxx
Blue
23
2.5
4.2
No
A
Clear
HLMP-CB27-SV0xx
Blue
23
1.9
5.5
Yes
B
Clear
HLMP-CM26-X10xx
Green
23
7.2
21.0
No
A
Clear
HLMP-CM26-YZCxx
Green
23
9.3
16.0
No
A
Clear
HLMP-CM27-X10xx
Green
23
7.2
21.0
Yes
B
Clear
HLMP-CE26-WZ0xx
Cyan
23
5.5
16.0
No
A
Clear
HLMP-CE27-WZ0xx
Cyan
23
5.5
16.0
Yes
B
Clear
HLMP-CB36-QT0xx
Blue
30
1.15
3.2
No
A
Clear
HLMP-CB36-RSAxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB37-RU0xx
Blue
30
1.5
4.2
Yes
B
Clear
HLMP-CB37-RSDxx
Blue
30
1.5
2.5
Yes
B
Clear
HLMP-CM36-X10xx
Green
30
7.2
21.0
No
A
Clear
HLMP-CM36-XYCxx
Green
30
7.2
12.0
No
A
Clear
HLMP-CM37-X10xx
Green
30
7.2
21.0
Yes
B
Clear
HLMP-CM37-XYCxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CM37-XYDxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CE36-WZ0xx
Cyan
30
5.5
16.0
No
A
Clear
HLMP-CE37-WZ0xx
Cyan
30
5.5
16.0
Yes
B
Clear
Notes:
1. Tolerance for luminous intensity measurement is
±15%.
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
5. 2q1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.


Numéro de pièce similaire - HLMP-CE26-N0C00

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE26-WZ000 AVAGO-HLMP-CE26-WZ000 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CE26-WZ0DD AVAGO-HLMP-CE26-WZ0DD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CE26-WZ0XX AVAGO-HLMP-CE26-WZ0XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Description similaire - HLMP-CE26-N0C00

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com