Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV161D Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LV161D
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV161D Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LV161D Datasheet HTML 2Page - NXP Semiconductors 74LV161D Datasheet HTML 3Page - NXP Semiconductors 74LV161D Datasheet HTML 4Page - NXP Semiconductors 74LV161D Datasheet HTML 5Page - NXP Semiconductors 74LV161D Datasheet HTML 6Page - NXP Semiconductors 74LV161D Datasheet HTML 7Page - NXP Semiconductors 74LV161D Datasheet HTML 8Page - NXP Semiconductors 74LV161D Datasheet HTML 9Page - NXP Semiconductors 74LV161D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
74LV161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1997 May 15
6
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
– bus driver outputs
–0.5V < VO < VCC + 0.5V
25
35
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
– bus driver outputs
50
70
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
See Note 1
1.0
3.3
3.6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC
characteristics per device
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times except for
Schmitt-trigger inputs
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
500
200
100
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 3.6V.


Numéro de pièce similaire - 74LV161D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LV161284DGGRE4 TI-74LV161284DGGRE4 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
More results

Description similaire - 74LV161D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com