Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M5M29KE131BVP Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce M5M29KE131BVP
Description  134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M29KE131BVP Fiches technique(HTML) 1 Page - Renesas Technology Corp

  M5M29KE131BVP Datasheet HTML 1Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 2Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 3Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 4Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 5Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 6Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 7Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 8Page - Renesas Technology Corp M5M29KE131BVP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
M5M29KE131BVP
Renesas LSIs
Rev.0.2_48a_bezz
1
Preliminary
Notice: This is not a final specification.
Some parametric limits are subject to change.
134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT)
CMOS FLASH MEMORY
Stacked-uMCP (micro Multi Chip Package)
PIN CONFIGURATION (TOP VIEW)
Outline
48P3R-C
Digital Cellar Phone, Telecommunication,
PDA, Car Navigation System, Video Game Machine
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RP#
A21
A22#
A18
A17
A7
A6
A5
A4
A3
A16
BYTE#
GND
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
GND
28
25
A0
24
A2
A1
20.0 mm
WP#
DESCRIPTION
FEATURES
Access time
Random
70ns (Max.)
Page
25ns(Max.)
Supply voltage
VCC= 3.0 ~ 3.6V
Ambient temperature
Ta=-40 ~ 85
°C
Package
48pin TSOP(Type-I), Lead pitch 0.5mm
Outer-lead finishing : Sn-Cu
APPLICATION
VCC
: VCC
GND
: GND
A0-A22
: Address
DQ0-DQ15
: Data I/O
CE#
: Chip enable
OE#
: Output enable
WE#
: Write enable
WP#
: Write protect
RP#
: Reset power down
BYTE#
: Byte enable
CE#
27
26
M5M29KE131BVP
The M5M29KE131BVP is a Stacked micro Multi Chip
Package that contents 2 Dies of 64M-bit Flash memory in a
48-pin TSOP(I) for lead free use.
128M-bit Flash memory is a 16,777,216 bytes / 8,388,608
words, single power supply and high performance non-
volatile memory fabricated by CMOS technology for the
peripheral circuit and DINOR IV (Divided bit-line NOR IV)
architecture for the memory cell. All memory blocks are
locked and can not be programmed or erased, when WP# is
Low. Using Software Lock Release function, program or
erase operation can be executed.
The M5M29KE131BVP is suitable for a high performance cellular
phone and a mobile PC that are required to be small mounting
area, weight and small power dissipation.


Numéro de pièce similaire - M5M29KE131BVP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
More results

Description similaire - M5M29KE131BVP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
M6MGD137W34DWG RENESAS-M6MGD137W34DWG Datasheet
124Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
M6MGD13TW34DWG RENESAS-M6MGD13TW34DWG Datasheet
136Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 33,554,432-BIT (2,097,152-WORD BY 16-BIT) CMOS MOBILE RAM
M6MGD13TW66CWG-P RENESAS-M6MGD13TW66CWG-P Datasheet
125Kb / 3P
   134,217,728-BIT (8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY & 67,108,864-BIT (4,194,304-WORD BY 16-BIT) CMOS MOBILE RAM
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB160S4BVP MITSUBISHI-M6MGB160S4BVP Datasheet
268Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com