Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54AC251LMQB Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54AC251LMQB
Description  8-Input Multiplexer With TRI-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC251LMQB Fiches technique(HTML) 6 Page - National Semiconductor (TI)

  54AC251LMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC251LMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC251LMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC251LMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC251LMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC251LMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC251LMQB Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MN54AC251-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 OHMS, TRISE=3ns, TFALL=3ns, Temp Range: -55C to125C.
NOTE: -55C TEMPERATURE, SUBGROUP
11 IS GUARANTEED BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tpHL(2)
Propagation Delay
VCC=4.5V
3,
4, 6
Sn to Z
or Z
1.5
12.5
ns
9
3,
4, 6
Sn to Z
or Z
1.5
15.5
ns
10, 11
tpZH(1)
Output Enable
Time
VCC=4.5V
3,
4, 6
OE to Z
or Z
1.5
8.0
ns
9
3,
4, 6
OE to Z
or Z
1.5
10.0
ns
10, 11
tpZL(1)
Output Enable
Time
VCC=4.5V
3,
4, 6
OE to Z
or Z
1.5
8.0
ns
9
3,
4, 6
OE to Z
or Z
1.5
10.0
ns
10, 11
tpHZ(1)
Output Disable
Time
VCC=4.5V
3,
4, 6
OE to Z
or Z
1.5
9.5
ns
9
3,
4, 6
OE to Z
or Z
1.5
11.0
ns
10, 11
tpLZ(1)
Output Disable
Time
VCC=4.5V
3,
4, 6
OE to Z
or Z
1.5
8.0
ns
9
3,
4, 6
OE to Z
or Z
1.5
10.0
ns
10, 11
tpLH(3)
Propagation Delay
VCC=3.0V
3, 4 In to Z
or Z
1.0
14.0
ns
9
3, 4 In to Z
or Z
1.0
17.0
ns
10, 11
tpHL(3)
Propagation Delay
VCC=3.0V
3, 4 In to Z
or Z
1.0
14.0
ns
9
3, 4 In to Z
or Z
1.0
16.5
ns
10, 11
tpLH(4)
Propagation Delay
VCC=3.0V
3, 4 Sn to Z
or Z
1.0
17.5
ns
9
3, 4 Sn to Z
or Z
1.0
21.0
ns
10, 11
tpHL(4)
Propagation Delay
VCC=3.0V
3, 4 Sn to Z
or Z
1.0
17.5
ns
9
3, 4 Sn to Z
or Z
1.0
21.0
ns
10, 11
tpZH(2)
Output Enable
Time
VCC=3.0V
3, 4 OE to Z
or Z
1.0
11.0
ns
9
3, 4 OE to Z
or Z
1.0
13.0
ns
10, 11
6


Numéro de pièce similaire - 54AC251LMQB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54AC251L NSC-54AC251L Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
More results

Description similaire - 54AC251LMQB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F251A TI1-54F251A Datasheet
415Kb / 10P
[Old version datasheet]   54F251A 74F251A 8-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
54AC251 NSC-54AC251 Datasheet
158Kb / 10P
   8-Input Multiplexer with TRI-STATE Output
logo
Texas Instruments
54AC251 TI1-54AC251 Datasheet
146Kb / 9P
[Old version datasheet]   8-Input Multiplexer with TRI-STATE Output
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F253DM NSC-54F253DM Datasheet
168Kb / 8P
   Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
[Old version datasheet]   Dual 4-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com