Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV107D Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LV107D
Description  Dual JK flip-flop with reset; negative-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV107D Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LV107D Datasheet HTML 2Page - NXP Semiconductors 74LV107D Datasheet HTML 3Page - NXP Semiconductors 74LV107D Datasheet HTML 4Page - NXP Semiconductors 74LV107D Datasheet HTML 5Page - NXP Semiconductors 74LV107D Datasheet HTML 6Page - NXP Semiconductors 74LV107D Datasheet HTML 7Page - NXP Semiconductors 74LV107D Datasheet HTML 8Page - NXP Semiconductors 74LV107D Datasheet HTML 9Page - NXP Semiconductors 74LV107D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV107
Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
6
AC CHARACTERISTICS (Continued)
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
SYMBOL
PARAMETER
WAVEFORM
VCC(V)
MIN
TYP1
MAX
MIN
MAX
UNIT
1.2
95
Propagation delay
2.0
32
44
56
tPHL/tPLH
Propagation delay
nR to nQ, nQ
Figures 1, 2
2.7
24
33
41
ns
nR to nQ, nQ
3.0 to 3.6
182
26
33
4.5 to 5.5
22
28
2.0
34
14
41
tW
Clock pulse width
Figure 2
2.7
25
10
30
ns
tW
HIGH or LOW
Figure 2
3.0 to 3.6
20
82
24
ns
4.5 to 5.5
15
18
2.0
34
14
41
tW
Reset pulse width
Figure 2
2.7
25
10
30
ns
tW
LOW
Figure 2
3.0 to 3.6
20
82
24
ns
4.5 to 5.5
15
1.2
35
Removal time
2.0
24
12
29
trem
Removal time
nR to nCP
Figure 2
2.7
18
9
21
ns
nR to nCP
3.0 to 3.6
14
72
17
4.5 to 5.5
11
14
1.2
40
Set up time
2.0
26
14
31
tsu
Set-up time
nJ, nK to CP
Figure 1
2.7
19
10
23
ns
nJ, nK to CP
3.0 to 3.6
15
82
18
4.5 to 5.5
12
15
1.2
-10
Hold time
2.0
5
–3
5
th
Hold time
nJ, nK to CP
Figure 1
2.7
5
–2
5
ns
nJ, nK to CP
3.0 to 3.6
5
–22
5
4.5 to 5.5
5
5
2.0
14
40
12
f
Maximum clock
Figure 1
2.7
19
58
16
MHz
fmax
pulse frequency
Figure 1
3.0 to 3.6
24
702
20
MHz
4.5 to 5.5
30
24
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.


Numéro de pièce similaire - 74LV107D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV109 PHILIPS-74LV109 Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109D PHILIPS-74LV109D Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109DB PHILIPS-74LV109DB Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109N PHILIPS-74LV109N Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
More results

Description similaire - 74LV107D

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com