Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDNBS16-T36 Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce CDNBS16-T36
Description  CDNBS16-T03~T36C - TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS16-T36 Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  CDNBS16-T36 Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS16-T36 Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS16-T36 Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS16-T36 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDNBS16-T03~T36C – TVS Diode Array Series
Mechanical Characteristics
MILLIMETERS
(INCHES)
DIMENSIONS =
9.80 - 10.00
(0.386 - 0.393)
16
9
18
3.80 - 4.00
(0.150 - 0.157)
5.80 - 6.20
(0.229 - 0.244)
0.35 - 0.49
(0.014 - 0.019)
16 PLCS.
0.10 - 0.25
(0.004 - 0.009)
0 ° - 7 °
R x 45 °
0.40 - 1.25
(0.016 - 0.049)
0.19 - 0.25
(0.008 - 0.009)
1.35 - 1.75
(0.054 - 0.068)
1.27
(0.05)
1.27
(0.050)
TYP.
6.22
(0.245)
MIN.
0.76 ±0.13
(0.030 ±0.005)
4.06 ±0.13
(0.160 ±0.005)
1.14 ±0.13
(0.045 ±0.005)
This is a molded JEDEC Narrow Body SO-16 package with lead free 100 % Sn plating on the lead frame. It weighs approximately 30 mg and
has a flammability rating of UL 94V-0.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Recommended Footprint
How To Order
CD NBS16 - T 03 C
Common Code
Chip Diode
Package
NBS16 = 16L NSOIC Package
Model
T = Transient Voltage Supressor
Working Peak Reverse Voltage
03 = 3 VRWM (Volts)
Suffix
C = Bidirectional Diode
Product Dimensions
CDNBS16-T03 ..............................................................
SM16LC03
CDNBS16-T05 ..............................................................
SM16LC05
CDNBS16-T08 ..............................................................
SM16LC08
CDNBS16-T12 ..............................................................
SM16LC12
CDNBS16-T15 ..............................................................
SM16LC15
CDNBS16-T24 ..............................................................
SM16LC24
CDNBS16-T36 ..............................................................
SM16LC36
CDNBS16-T03C .......................................................... SM16LC03C
CDNBS16-T05C .......................................................... SM16LC05C
CDNBS16-T08C .......................................................... SM16LC08C
CDNBS16-T12C .......................................................... SM16LC12C
CDNBS16-T15C .......................................................... SM16LC15C
CDNBS16-T24C .......................................................... SM16LC24C
CDNBS16-T36C .......................................................... SM16LC36C
Typical Part Marking


Numéro de pièce similaire - CDNBS16-T36

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CDNBS16-T03C BOURNS-CDNBS16-T03C Datasheet
466Kb / 4P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
More results

Description similaire - CDNBS16-T36

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CDSOT23-T03 BOURNS-CDSOT23-T03 Datasheet
302Kb / 4P
   CDSOT23-T03~T36C - TVS Diode Array Series
CDNBS08-T03 BOURNS-CDNBS08-T03 Datasheet
335Kb / 4P
   CDNBS08-T03~T36C - TVS Diode Array Series
CDSOT23-TXXC-Q BOURNS-CDSOT23-TXXC-Q Datasheet
172Kb / 5P
   CDSOT23-T03-Q~T15C-Q - TVS Diode Array Series
REV. 02/22
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com