Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT7046A Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74HCT7046A
Description  Phase-locked-loop with lock detector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7046A Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT7046A Datasheet HTML 7Page - NXP Semiconductors 74HCT7046A Datasheet HTML 8Page - NXP Semiconductors 74HCT7046A Datasheet HTML 9Page - NXP Semiconductors 74HCT7046A Datasheet HTML 10Page - NXP Semiconductors 74HCT7046A Datasheet HTML 11Page - NXP Semiconductors 74HCT7046A Datasheet HTML 12Page - NXP Semiconductors 74HCT7046A Datasheet HTML 13Page - NXP Semiconductors 74HCT7046A Datasheet HTML 14Page - NXP Semiconductors 74HCT7046A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
December 1990
11
Philips Semiconductors
Product specification
Phase-locked-loop with lock detector
74HC/HCT7046A
Phase comparator section
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max. min.
max.
VIH
DC coupled HIGH
level input voltage
SIGIN, COMPIN
1.5
3.15
4.2
1.2
2.4
3.2
1.5
3.15
4.2
1.5
3.15
4.2
V
2.0
4.5
6.0
VIL
DC coupled LOW level
input voltage
SIGIN, COMPIN
0.8
2.1
2.8
0.5
1.35
1.8
0.5
1.35
1.8
0.5
1.35
1.8
V
2.0
4.5
6.0
VOH
HIGH
level output
voltage
LD, PCnOUT
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
2.0
4.5
6.0
VIH
or
VIL
−IO =20 µA
−IO =20 µA
−IO =20 µA
VOH
HIGH
level output
voltage
LD, PCnOUT
3.98
5.48
4.32
5.81
3.84
5.34
3.7
5.2
V
4.5
6.0
VIH
or
VIL
−I
O = 4.0 mA
−IO = 5.2 mA
VOL
LOW level output
voltage
LD, PCnOUT
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
2.0
4.5
6.0
VIH
or
VIL
IO =20 µA
IO =20 µA
IO =20 µA
VOL
LOW level output
voltage
LD, PCnOUT
0.15
0.16
0.26
0.26
0.33
0.33
0.4
0.4
V
4.5
6.0
VIH
or
VIL
IO = 4.0 mA
IO = 5.2 mA
±II
input leakage current
SIGIN, COMPIN
3.0
7.0
18.0
30.0
4.0
9.0
23.0
38.0
5.0
11.0
27.0
45.0
µA
2.0
3.0
4.5
6.0
VCC
or
GND
±IOZ
3-state
OFF-state current
PC2OUT
0.5
5.0
10.0
µA
6.0
VIH
or
VIL
VO =VCC
or GND
RI
input resistance
SIGIN, COMPIN
800
250
150
k
3.0
4.5
6.0
VI at self-bias
operating point;
∆VI = 0.5 V; see
Figs 10, 11 and 12


Numéro de pièce similaire - 74HCT7046A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT7046A NXP-74HCT7046A Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results

Description similaire - 74HCT7046A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
   Phase-locked-loop with VCO
1997 Nov 25
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com