Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC7030 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC7030
Description  9-bit x 64-word FIFO register; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7030 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC7030 Datasheet HTML 1Page - NXP Semiconductors 74HC7030 Datasheet HTML 2Page - NXP Semiconductors 74HC7030 Datasheet HTML 3Page - NXP Semiconductors 74HC7030 Datasheet HTML 4Page - NXP Semiconductors 74HC7030 Datasheet HTML 5Page - NXP Semiconductors 74HC7030 Datasheet HTML 6Page - NXP Semiconductors 74HC7030 Datasheet HTML 7Page - NXP Semiconductors 74HC7030 Datasheet HTML 8Page - NXP Semiconductors 74HC7030 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
December 1990
4
Philips Semiconductors
Product specification
9-bit x 64-word FIFO register; 3-state
74HC/HCT7030
PIN DESCRIPTION
Note
1. Pin 14 must be connected to GND. Pins 1 and 2 can be left floating or connected to GND, however it is not allowed
to let current flow in either direction between pins 1, 2 and 14.
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 2, 14
GND
ground (0 V)
3
DIR
data-in-ready output
4
SI
shift-in input (LOW-to-HIGH, edge-triggered)
5, 6, 7, 8, 9, 10, 11, 12, 13
D0 to D8
parallel data inputs
15
OE
output enable input (active LOW)
24, 23, 22, 21, 20, 19, 18, 17, 16
Q0 to Q8
3-state parallel data outputs
25
DOR
data-out-ready output
26
SO
shift-out input (HIGH-to-LOW, edge-triggered)
27
MR
asynchronous master-reset input (active LOW)
28
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Numéro de pièce similaire - 74HC7030

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014 NEXPERIA-74HC7014 Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014D PHILIPS-74HC7014D Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014D NEXPERIA-74HC7014D Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
More results

Description similaire - 74HC7030

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
   262144-word x 8-bit x 3-FIFO MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com