Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


74HC574D Datasheet(Fiches technique) 1 Page - NXP Semiconductors

Numéro de pièce 74HC574D
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

   
 1 page
background image
DATA SHEET
Product specification
File under Integrated Circuits, IC06
December 1990
INTEGRATED CIRCUITS
74HC/HCT574
Octal D-type flip-flop; positive
edge-trigger; 3-state
For a complete data sheet, please also download:
• The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications
• The IC06 74HC/HCT/HCU/HCMOS Logic Package Information
• The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
74HC374Octal D-type flip-flop; positive edge-trigger; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74AHC374Octal D-type flip-flop; positive edge-trigger; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74AHC574Octal D-type flip-flop; positive edge-trigger; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74LV374Octal D-type flip-flop; positive edge-trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
IN74LV574Octal D-type flip-flop; positive edge-trigger 3-State 1 2 3 4 5 MoreIntegral Corp.
74LV574Octal D-type flip-flop; positive edge-trigger 3-State 1 2 3 4 5 MoreNXP Semiconductors
74HC534Octal D-type flip-flop; positive edge-trigger; 3-state; inverting 1 2 3 4 5 MoreNXP Semiconductors
SL74LV374OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER 3-StatE 1 2 3 4 5 MoreSystem Logic Semiconductor
IN74LV374OCTAL D-TYPE FLIP-FLOP POSITIVE EDGETRIGGER 3-STATE 1 2 3 4 5 MoreIntegral Corp.
74HCT7273Octal D-type flip-flop with reset; positive edge-trigger; open drain outputs 1 2 3 4 5 MoreNXP Semiconductors