Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD060SE45A Fiches technique(PDF) 1 Page - Sensitron

No de pièce SD060SE45A
Description  SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSITRON [Sensitron]
Site Internet  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD060SE45A Fiches technique(HTML) 1 Page - Sensitron

  SD060SE45A Datasheet HTML 1Page - Sensitron SD060SE45A Datasheet HTML 2Page - Sensitron SD060SE45A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD060SE45A/B
Technical Data
Data Sheet 4952, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Extremely Low Forward Voltage Drop
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Extremely Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
45
V
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form
3
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, Sine pulse
(1)
55
A
Max. Junction Temperature
TJ
-
-65 to +125
°C
Max. Storage Temperature
Tstg
-
-65 to +175
°C
Electrical Characteristics
(1) :
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 3A, Pulse, TJ = 25
°C
0.51
V
VF2
@ 3A, Pulse, TJ = 125
°C
0.47
V
Max. Reverse Current
IR1
@VR = 45V, Pulse,
TJ = 25
°C
0.30
mA
IR2
@VR = 45V, Pulse,
TJ = 125
°C
55
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
°C
fSIG = 1MHz,
VSIG = 50mV (p-p)
180
pF
(1) in SHD package


Numéro de pièce similaire - SD060SE45A

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SD060SA30A SENSITRON-SD060SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SA30B SENSITRON-SD060SA30B Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA45B SENSITRON-SD060SA45B Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results

Description similaire - SD060SE45A

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SD125SD15A SENSITRON-SD125SD15A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD060SD15A SENSITRON-SD060SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE45A SENSITRON-SD125SE45A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE30A SENSITRON-SD125SE30A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SD15A SENSITRON-SD175SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SD15A SENSITRON-SD040SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SHD116222 SENSITRON-SHD116222 Datasheet
165Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SE45A SENSITRON-SD040SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD200SE45A SENSITRON-SD200SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD090SD15A SENSITRON-SD090SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SE45A SENSITRON-SD175SE45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com