Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT4515PW Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
74HCT4515PW Fiches technique(HTML) 4 Page - NXP Semiconductors |
4 / 8 page September 1993 4 Philips Semiconductors Product specification 4-to-16 line decoder/demultiplexer with input latches; inverting 74HC/HCT4515 Fig.4 Functional diagram. APPLICATIONS • Digital multiplexing • Address decoding • Hexadecimal/BCD decoding FUNCTION TABLE Notes 1. LE = HIGH H = HIGH voltage level L = LOW voltage level X = don’t care INPUTS OUTPUTS EA0 A1 A2 A3 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 Q13 Q14 Q15 H X X X X H HHHHHHHHHHHHHHH L L L L L H L H L L H H L L L L L L L L L H H H H L H H H H L H H H H L H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H L L L L L H L H L L H H H H H H L L L L H H H H H H H H H H H H H H H H L H H H H L H H H H L H H H H L H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H L L L L L H L H L L H H L L L L H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H L H H H H L H H H H L H H H H L H H H H H H H H H H H H H H H H L L L L L H L H L L H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H H L H H H H L H H H H L H H H H L |
Numéro de pièce similaire - 74HCT4515PW |
|
Description similaire - 74HCT4515PW |