Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4316PW Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74HCT4316PW
Description  Quad bilateral switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4316PW Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4316PW Datasheet HTML 2Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 3Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 4Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 5Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 6Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 7Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 8Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 9Page - NXP Semiconductors 74HCT4316PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
September 1993
6
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4316
Fig.6 Guaranteed operating area as a function of
the supply voltages for 74HC4316.
Fig.7 Guaranteed operating area as a function of
the supply voltages for 74HCT4316.
DC CHARACTERISTICS FOR 74HC/HCT
For 74HC: VCC − GND or VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
For 74HCT: VCC − GND = 4.5 and 5.5 V; VCC − VEE = 2.0, 4.5, 6.0 and 9.0 V
Notes
1. At supply voltages (VCC − VEE) approaching 2.0 V the analog switch ON-resistance becomes extremely non-linear.
Therefore it is recommended that these devices are used to transmit digital signals only, when using these supply
voltages.
2. For test circuit measuring RON see Fig.8.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC/HCT
VCC
(V)
VEE
(V)
IS
(
µA)
Vis
VI
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
RON
ON resistance
(peak)
160
120
85
320
240
170
400
300
215
480
360
255
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC
to
VEE
VIH
or
VIL
RON
ON resistance
(rail)
160
80
70
60
160
140
120
200
175
150
240
210
180
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VEE VIH
or
VIL
RON
ON resistance
(rail)
170
90
80
65
180
160
135
225
200
170
270
240
205
2.0
4.5
6.0
4.5
0
0
0
−4.5
100
1000
1000
1000
VCC VIH
or
VIL
∆R
ON
maximum
∆ON
resistance
between any
two channels
16
9
6
2.0
4.5
6.0
4.5
0
0
0
−4.5
VCC
to
VEE
VH
or
VIL


Numéro de pièce similaire - 74HCT4316PW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT4316PW NEXPERIA-74HCT4316PW Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
More results

Description similaire - 74HCT4316PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com