Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4353D Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74HC4353D
Description  Triple 2-channel analog multiplexer/demultiplexer with latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4353D Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74HC4353D Datasheet HTML 3Page - NXP Semiconductors 74HC4353D Datasheet HTML 4Page - NXP Semiconductors 74HC4353D Datasheet HTML 5Page - NXP Semiconductors 74HC4353D Datasheet HTML 6Page - NXP Semiconductors 74HC4353D Datasheet HTML 7Page - NXP Semiconductors 74HC4353D Datasheet HTML 8Page - NXP Semiconductors 74HC4353D Datasheet HTML 9Page - NXP Semiconductors 74HC4353D Datasheet HTML 10Page - NXP Semiconductors 74HC4353D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
December 1990
7
Philips Semiconductors
Product specification
Triple 2-channel analog
multiplexer/demultiplexer with latch
74HC/HCT4353
DC CHARACTERISTICS FOR 74HC
Voltages are referenced to GND (ground = 0 V)
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
VEE
(V)
VI
OTHER
+25
−40 to +85
−40 to +125
min. typ. max. min.
max.
min.
max.
VIH
HIGH level
input voltage
1.5
3.15
4.2
6.3
1.2
2.4
3.2
4.7
1.5
3.15
4.2
6.3
1.5
3.15
4.2
6.3
V
2.0
4.5
6.0
9.0
VIL
LOW level
input voltage
0.8
2.1
2.8
4.3
0.5
1.35
1.8
2.7
0.5
1.35
1.8
2.7
0.5
1.35
1.8
2.7
V
2.0
4.5
6.0
9.0
±I
I
input leakage
current
0.1
0.2
1.0
2.0
1.0
2.0
µA
6.0
10.0
0
0
VCC
or
GND
±IS
analog switch
OFF-state
current per
channel
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see Fig.10)
±IS
analog switch
OFF-state
current all
channels
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see Fig.10)
±IS
analog switch
ON-state
current
0.1
1.0
1.0
µA
10.0
0VIH
or
VIL
V
S =
VCC − VEE
(see Fig.11)
ICC
quiescent
supply current
8.0
16.0
80.0
160.0
160.0
320.0
µA
6.0
10.0
0
0
VCC
or
GND
Vis =VEE or
VCC;Vos =
VCC or VEE


Numéro de pièce similaire - 74HC4353D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC4351 PHILIPS-74HC4351 Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
74HC4351 NXP-74HC4351 Datasheet
116Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HC4351 NEXPERIA-74HC4351 Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
logo
NXP Semiconductors
74HC4351D PHILIPS-74HC4351D Datasheet
135Kb / 17P
   8-channel analog multiplexer/demultiplexer with latch
December 1990
logo
Nexperia B.V. All right...
74HC4351D NEXPERIA-74HC4351D Datasheet
347Kb / 23P
   8-channel analog multiplexer/demultiplexer with latch
Rev. 4 - 4 August 2021
More results

Description similaire - 74HC4353D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com