Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN224ACGFX Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FIN224ACGFX
Description  USerDes 22-Bit Bi-Directional Serializer/Deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224ACGFX Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN224ACGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
©2006 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FIN224AC Rev. 1.0.7
Serializer Operation Mode
The serializer configurations are described in the following sections. The basic serialization circuitry works essentially
identically in these modes, but the actual data and clock streams differ depending on if CKREF is the same as the
STROBE signal or not. When it is stated that CKREF does not equal STROBE, each signal is distinct and CKREF
must be running at a frequency high enough to avoid any loss of data condition. CKREF must never be a lower fre-
quency than STROBE.
The PLL must receive a stable CKREF signal to achieve lock prior to any valid
data being sent. The CKREF signal can be used as the data STROBE signal
provided that data can be ignored during the PLL lock phase.
Once the PLL is stable and locked, the device can begin to capture and serialize
data. Data is captured on the rising edge of the STROBE signal and then serial-
ized. The serialized data stream is synchronized and sent source synchronously
with a bit clock with an embedded word boundary. When operating in this mode,
the internal deserializer circuitry is disabled, including the serial clock, serial data
input buffers, the bi-directional parallel outputs, and the CKP word clock. The
CKP word clock is driven HIGH.
Figure 5. Serializer Timing Diagram (CKREF = STROBE)
If the same signal is not used for CKREF and STROBE, the CKREF signal must
be run at a higher frequency than the STROBE rate to serialize the data cor-
rectly. The actual serial transfer rate remains at 13 times the CKREF frequency.
A data bit value of zero is sent when no valid data is present in the serial bit
stream. The operation of the serializer otherwise remains the same.
The exact frequency that the reference clock needs to run at depends upon the
stability of the CKREF and STROBE signal. If the source of the CKREF signal
implements spread spectrum technology, the max frequency of the spread spec-
trum clock should be used in calculating the ratio of STROBE frequency to the
CKREF frequency. Similarly, if the STROBE signal has significant cycle-to-cycle
variation, the maximum cycle-to-cycle time needs to be factored into the selec-
tion of the CKREF frequency.
Figure 6. Serializer Timing Diagram (CKREF does not equal STROBE)
WORD n-1
WORD n-2
WORD n-1
WORD n
DPI[1:24]
CKREF/STROBE
DSO
CKS0
b24 b25 b26
b1
b2
b3
b4
b1
b2
b3
b4
B5
b22 b23 b24 b25 b26
WORD n+1
WORD n
WORD n-1
WORD n-1
WORD n
No Data
No Data
CKREF
DP[1:24]
DSO
CKS0
STROBE
b1 b2 b3
b1 b2 b3
b4 b5 b6 b7
b22 b23 b24 b25 b26
WORD n+1
WORD n
Serializer Operation: (Figure 5)
MODE 1 or MODE 2,
DIRI = 1,
CKREF = STROBE
Serializer Operation: (Figure 6),
DIRI = 1,
CKREF does not = STROBE


Numéro de pièce similaire - FIN224ACGFX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Description similaire - FIN224ACGFX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com