Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX77107-14P Fiches technique(PDF) 7 Page - Skyworks Solutions Inc.

No de pièce CX77107-14P
Description  PA Module for CDMA / PCS (1850-1910 MHz)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX77107-14P Fiches technique(HTML) 7 Page - Skyworks Solutions Inc.

Back Button CX77107-14P Datasheet HTML 3Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 4Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 5Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 6Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 7Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 8Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 9Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 10Page - Skyworks Solutions Inc. CX77107-14P Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PA MODULE FOR CDMA / PCS (1850–1910 MHZ)
DATA SHEET • CX77107
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
101782D • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • December 8, 2004
7
Figure 5. ACP for 1.25 MHz Offset vs. Output Power
Figure 6. ACP for 2.25 MHz Offset vs. Output Power


Numéro de pièce similaire - CX77107-14P

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77105-16P SKYWORKS-CX77105-16P Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
More results

Description similaire - CX77107-14P

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
   PA Module for CDMA PCS (1850-1910 MHz)
SKY77149 SKYWORKS-SKY77149_06 Datasheet
185Kb / 13P
   PA Module for CDMA / PCS (1850-1910 MHz)
SKY77149 SKYWORKS-SKY77149 Datasheet
71Kb / 2P
   System Smart??PA Module for CDMA / PCS (1850-1910 MHz)
SKY77418 SKYWORKS-SKY77418 Datasheet
44Kb / 2P
   LIPA Module for CDMA / PCS (1850-1910 MHz)
RM807 SKYWORKS-RM807 Datasheet
544Kb / 14P
   Power Amplifier Module for TDMA PCS (1850-1910 MHz)
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
   Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
logo
Tyco Electronics
MAAPSS0003 MACOM-MAAPSS0003 Datasheet
37Kb / 3P
   PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
PA1133 MACOM-PA1133 Datasheet
162Kb / 1P
   1850-1910 MHz,Linear Power Amplifier
MAMXES0080 MACOM-MAMXES0080 Datasheet
71Kb / 2P
   High IP3 Mixer 1850 - 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com