Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4067 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74HCT4067
Description  16-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4067 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74HCT4067 Datasheet HTML 1Page - NXP Semiconductors 74HCT4067 Datasheet HTML 2Page - NXP Semiconductors 74HCT4067 Datasheet HTML 3Page - NXP Semiconductors 74HCT4067 Datasheet HTML 4Page - NXP Semiconductors 74HCT4067 Datasheet HTML 5Page - NXP Semiconductors 74HCT4067 Datasheet HTML 6Page - NXP Semiconductors 74HCT4067 Datasheet HTML 7Page - NXP Semiconductors 74HCT4067 Datasheet HTML 8Page - NXP Semiconductors 74HCT4067 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
September 1993
2
Philips Semiconductors
Product specification
16-channel analog
multiplexer/demultiplexer
74HC/HCT4067
FEATURES
• Low “ON” resistance:
80
Ω (typ.) at VCC = 4.5 V
70
Ω (typ.) at VCC = 6.0 V
60
Ω (typ.) at VCC = 9.0 V
typical “break before make” built-in
• Output capability: non-standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4067 are high-speed Si-gate CMOS
devices and are pin compatible with the “4067” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4067 are 16-channel analog
multiplexers/demultiplexers with four address inputs (S0 to
S3) , an active LOW enable input (E), sixteen independent
inputs/outputs (Y0 to Y15) and a common input/output (Z).
The ”4067” contains sixteen bidirectional analog switches,
each with one side connected to an independent
input/output (Y0 to Y15) and the other side connected to a
common input/output (Z).
With E LOW, one of the sixteen switches is selected (low
impedance ON-state) by S0 to S3. All unselected switches
are in the high impedance OFF-state. With E HIGH, all
switches are in the high impedance OFF-state,
independent of S0 to S3.
The analog inputs/outputs (Y0 to Y15, and Z) can swing
between VCC as a positive limit and GND as a negative
limit. VCC to GND may not exceed 10 V.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi +∑ { (CL + CS) × VCC2 × fo} where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ {(CL + CS) × VCC2 × fo} = sum of outputs
CL = output load capacitance in pF
CS = max. switch capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPZL/ tPZH
turn-on time
CL = 15 pF; RL =1 kΩ; VCC = 5 V
E to Vos
26
32
ns
Sn to Vos
29
33
ns
tPLZ/ tPHZ
turn-off time
E to Vos
27
26
ns
Sn to Vos
29
30
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch
notes 1 and 2
29
29
pF
CS
max. switch capacitance
independent (Y)
5
5
pF
common (Z)
45
45
pF


Numéro de pièce similaire - 74HCT4067

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT4067 NXP-74HCT4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
74HCT4067 NXP-74HCT4067 Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
logo
Nexperia B.V. All right...
74HCT4067 NEXPERIA-74HCT4067 Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
More results

Description similaire - 74HCT4067

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com