Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X0405MF Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce X0405MF
Description  SENSITINE GATE SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0405MF Fiches technique(HTML) 1 Page - STMicroelectronics

  X0405MF Datasheet HTML 1Page - STMicroelectronics X0405MF Datasheet HTML 2Page - STMicroelectronics X0405MF Datasheet HTML 3Page - STMicroelectronics X0405MF Datasheet HTML 4Page - STMicroelectronics X0405MF Datasheet HTML 5Page - STMicroelectronics X0405MF Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Numéro de pièce similaire - X0405MF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
X0405MF STMICROELECTRONICS-X0405MF Datasheet
205Kb / 5P
   4A SCRS
logo
New Jersey Semi-Conduct...
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
logo
HAOPIN MICROELECTRONICS...
X0405MF HAOPIN-X0405MF Datasheet
366Kb / 5P
   Blocking voltage to 600 V
logo
Inchange Semiconductor ...
X0405MF ISC-X0405MF Datasheet
270Kb / 3P
   isc Thyristors
2023-8-22
logo
STMicroelectronics
X0405MF-0AA2 STMICROELECTRONICS-X0405MF-0AA2 Datasheet
205Kb / 5P
   4A SCRS
More results

Description similaire - X0405MF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
logo
List of Unclassifed Man...
XL0102DA ETC1-XL0102DA Datasheet
78Kb / 2P
   SENSITIVE GATE SCR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com