Moteur de recherche de fiches techniques de composants électroniques |
|
LD29080S50R Fiches technique(PDF) 10 Page - STMicroelectronics |
|
LD29080S50R Fiches technique(HTML) 10 Page - STMicroelectronics |
10 / 21 page LD29080 SERIES 10/21 Table 11: Electrical Characteristics Of LD29080#90 (IO = 10mA (Note 4), TJ = 25°C, VI = 11V, VINH = 2V, CI = 330nF, CO = 10µF, unless otherwise specified) NOTE 1: Guaranteed by design. NOTE 2: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VO+1V applied to VI. NOTE 3: Reference Voltage is measured between output and GND pins, with ADJ PIN tied to VOUT. NOTE 4: in order to avoid any output voltage rise within the whole operating temperature range, due to output leakage current, a minimum load current of 2mA is required. Symbol Parameter Test Conditions Min. Typ. Max. Unit VI Operating Input Voltage IO = 10mA to 800mA 13 V VO Output Voltage IO = 10mA to 800mA, VI = 10 to 13V TJ = -40 to 125°C 8.91 9 9.09 V 8.775 9.225 ∆V O Load Regulation IO = 10mA to 800mA 0.2 1.0 % ∆V O Line Regulation VI = 10 to 13V 0.06 0.5 % SVR Supply Voltage Rejection f = 120 Hz, VI = 11 ± 1V, IO = 400mA (Note 1) 45 58 dB VDROP Dropout Voltage IO = 150mA,TJ = -40 to 125°C (Note 2) 0.1 V IO = 400mA,TJ = -40 to 125°C (Note 2) 0.2 IO = 800mA,TJ = -40 to 125°C (Note 2) 0.4 0.7 Iq Quiescent Current IO = 10mA, TJ = -40 to 125°C 2 5 mA IO = 400mA, TJ = -40 to 125°C 8 20 IO = 800mA, TJ = -40 to 125°C 14 35 VI = 13V, VINH = GND TJ = -40 to 125°C 130 180 µA Isc Short Circuit Current RL = 0 1.2 A VIL Control Input Logic Low OFF MODE TJ = -40 to 125°C 0.8 V VIH Control Input Logic High ON MODE TJ = -40 to 125°C 2 V IINH Control Input Current VINH = 13V TJ = -40 to 125°C 5 10 µA eN Output Noise Voltage BP = 10Hz to 100KHzIO = 100mA 360 µVRMS |
Numéro de pièce similaire - LD29080S50R |
|
Description similaire - LD29080S50R |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |