Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G06DCKT Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
SN74AUP1G06DCKT Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 11 page www.ti.com Electrical Characteristics Switching Characteristics Switching Characteristics SN74AUP1G06 LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS SCES590A – JULY 2004 – REVISED AUGUST 2006 over recommended operating free-air temperature range (unless otherwise noted) TA = –40°C TA = 25°C to 85 °C PARAMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN MAX IOL = 20 µA 0.8 V to 3.6 V 0.1 0.1 IOL = 1.1 mA 1.1 V 0.3 × V CC 0.3 × V CC IOL = 1.7 mA 1.4 V 0.31 0.37 IOL = 1.9 mA 1.65 V 0.31 0.35 VOL V IOL = 2.3 mA 0.31 0.33 2.3 V IOL = 3.1 mA 0.44 0.45 IOL = 2.7 mA 0.31 0.33 3 V IOL = 4 mA 0.44 0.45 II A input VI = GND to 3.6 V 0 V to 3.6 V 0.1 0.5 µA Ioff VI or VO = 0 V to 3.6 V 0 V 0.2 0.6 µA ∆I off VI or VO = 0 V to 3.6 V 0 V to 0.2 V 0.2 0.6 µA ICC VI = GND or VCC to 3.6 V, IO = 0 0.8 V to 3.6 V 0.5 0.9 µA ∆I CC VI = VCC – 0.6 V, IO = 0 3.3 V 40 50 µA 0 V 1.5 Ci VI = VCC or GND pF 3.6 V 1.7 Co VO = GND 0 V 1.7 pF over recommended operating free-air temperature range, C L = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85 °C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 12.4 1.2 V ± 0.1 V 2.7 12 9.9 2 12.8 1.5 V ± 0.1 V 2.1 3.5 6.2 1.5 7.6 tpd A Y ns 1.8 V ± 0.15 V 2.1 3.1 4.7 1.2 5.9 2.5 V ± 0.2 V 1.4 2.2 3.2 1 3.9 3.3 V ± 0.3 V 1.3 2.2 3.3 0.8 3.6 over recommended operating free-air temperature range, C L = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85 °C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 15.1 1.2 V ± 0.1 V 3.6 12 11.2 2.7 14.1 1.5 V ± 0.1 V 2.9 4.3 7 2.2 8.6 tpd A Y ns 1.8 V ± 0.15 V 2.7 3.9 5.4 1.8 6.7 2.5 V ± 0.2 V 2.1 2.9 3.8 1.4 4.5 3.3 V ± 0.3 V 1.7 3 4.5 1.2 4.9 4 Submit Documentation Feedback |
Numéro de pièce similaire - SN74AUP1G06DCKT |
|
Description similaire - SN74AUP1G06DCKT |