Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4016 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC4016
Description  Quad bilateral switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4016 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4016 Datasheet HTML 6Page - NXP Semiconductors 74HC4016 Datasheet HTML 7Page - NXP Semiconductors 74HC4016 Datasheet HTML 8Page - NXP Semiconductors 74HC4016 Datasheet HTML 9Page - NXP Semiconductors 74HC4016 Datasheet HTML 10Page - NXP Semiconductors 74HC4016 Datasheet HTML 11Page - NXP Semiconductors 74HC4016 Datasheet HTML 12Page - NXP Semiconductors 74HC4016 Datasheet HTML 13Page - NXP Semiconductors 74HC4016 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
December 1990
10
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4016
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
ADDITIONAL AC CHARACTERISTICS FOR 74HC/HCT
Recommended conditions and typical values
GND = 0 V; tr =tf = 6 ns
Notes
1. Vis is the input voltage at a Yn or Zn terminal, whichever is assigned as an input.
2. Vos is the output voltage at a Yn or Zn terminal, whichever is assigned as an output.
3. Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 Ω).
4. Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 Ω).
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min.
max.
min.
max.
tPHL/ tPLH propagation delay
Vis to Vos
6
12
15
18
ns
4.5
RL = ∞;CL = 50 pF
(see Fig.16)
tPZH
turn “ON” time
En to Vos
19
35
44
53
ns
4.5
RL =1 kΩ;CL = 50 pF
(see Figs 17 and 18)
tPZL
turn “ON” time
En to Vos
20
35
44
53
ns
4.5
RL =1 kΩ;CL = 50 pF
(see Figs 17 and 18)
tPHZ/ tPLZ
turn “OFF” time
En to Vos
23
35
44
53
ns
4.5
RL =1 kΩ;CL = 50 pF
(see Figs 17 and 18)
SYMBOL
PARAMETER
typ.
UNIT
VCC
(V)
Vis(p-p)
(V)
CONDITIONS
sine-wave distortion
f = 1 kHz
0.80
0.40
%
%
4.5
9.0
4.0
8.0
RL = 10 kΩ;CL = 50 pF
(see Fig.14)
sine-wave distortion
f = 10 kHz
2.40
1.20
%
%
4.5
9.0
4.0
8.0
RL = 10 kΩ;CL = 50 pF
(see Fig.14)
switch “OFF” signal
feed-through
−50
−50
dB
dB
4.5
9.0
note 3
RL = 600 Ω;CL = 50 pF;
f = 1 MHz (see Figs 10 and 15)
crosstalk between
any two switches
−60
−60
dB
dB
4.5
9.0
note 3
RL = 600 Ω;CL = 50 pF;
f = 1 MHz (see Fig.12)
V(p-p)
crosstalk voltage between
enable or address input
to any switch
(peak-to-peak value)
110
220
mV
mV
4.5
9.0
RL = 600 Ω;CL = 50 pF;
f = 1 MHz (En, square wave
between VCC and GND,
tr =tf = 6 ns) (see Fig.13)
fmax
minimum frequency response
(
−3dB)
150
160
MHz
MHz
4.5
9.0
note 4
RL =50 Ω;CL = 10 pF
(see Figs 11 and 14)
CS
maximum switch capacitance
5
pF


Numéro de pièce similaire - 74HC4016

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
74HC4016D NEXPERIA-74HC4016D Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
logo
ON Semiconductor
74HC4016J ONSEMI-74HC4016J Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
National Semiconductor ...
74HC4016J NSC-74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
logo
Nexperia B.V. All right...
74HC4016PW NEXPERIA-74HC4016PW Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
More results

Description similaire - 74HC4016

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com