Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC126ABQ Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVC126ABQ
Description  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126ABQ Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVC126ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC126ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2003 Feb 28
4
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
MNA233
126
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1OE
1A
1Y
2OE
2A
2Y
GND
3Y
3A
3OE
4Y
4A
4OE
VCC
Fig.1 Pin configuration SO14 and (T)SSOP14.
handbook, halfpage
114
1OE
VCC
7
2
3
4
5
6
1A
1Y
2OE
2A
2Y
13
12
11
10
9
4OE
4A
4Y
3OE
3A
8
GND
3Y
GND(1)
Top view
MCE197
Fig.2 Pin configuration DHVQFN14.
* The die substrate is attached to this pad using conductive die attach
material. It can not be used as a supply pin or input.
handbook, halfpage
MNA235
1A
1Y
2
1
3
1OE
2A
2Y
5
4
6
2OE
3A
3Y
9
10
8
3OE
4A
4Y
12
13
11
4OE
Fig.3 Logic symbol.
handbook, halfpage
MNA236
1
EN1
1
3
2
4
6
5
10
8
9
13
11
12
Fig.4 Logic symbol (IEEE/IEC).


Numéro de pièce similaire - 74LVC126ABQ

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC126ABQ NEXPERIA-74LVC126ABQ Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126ABQ-Q100 NEXPERIA-74LVC126ABQ-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results

Description similaire - 74LVC126ABQ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
logo
NXP Semiconductors
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
   10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com