Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G06GF Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74AUP1G06GF
Description  Low-power inverter with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G06GF Fiches technique(HTML) 4 Page - NXP Semiconductors

  74AUP1G06GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G06GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74AUP1G06_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2006
4 of 15
Philips Semiconductors
74AUP1G06
Low-power inverter with open-drain output
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
+20
mA
ICC
supply current
-
+50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Numéro de pièce similaire - 74AUP1G06GF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G06GF NXP-74AUP1G06GF Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
More results

Description similaire - 74AUP1G06GF

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com