Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT7819A-10PH Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74ABT7819A-10PH
Description  512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT7819A-10PH Fiches technique(HTML) 2 Page - Texas Instruments

  SN74ABT7819A-10PH Datasheet HTML 1Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 2Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 3Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 4Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 5Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 6Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 7Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 8Page - Texas Instruments SN74ABT7819A-10PH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SN74ABT7819A
512
× 18 × 2
CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCBS756 – MAY 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
21 22 23 24 25
40
26 27 28 29 30 31 32 33 34 35 36 37 38 39
80 79 78 77 76 75 74 73
71 70 69 68 67 66 65 64 63 62 61
72
PN PACKAGE
(TOP VIEW)
AF/AEA
HFA
IRA
GND
A0
A1
VCC
A2
A3
GND
A4
A5
GND
A6
A7
GND
A8
A9
VCC
A10
AF/AEB
HFB
IRB
GND
B0
B1
VCC
B2
B3
GND
B4
B5
GND
B6
B7
GND
B8
B9
VCC
B10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
description
A FIFO memory is a storage device that allows data to be written into and read from its array at independent
data rates. The SN74ABT7819A is a high-speed, low-power, BiCMOS, bidirectional, clocked FIFO memory.
Two independent 512
× 18 dual-port SRAM FIFOs (FIFOA, FIFOB) on the chip buffer data in opposite directions.
Each FIFO has flags to indicate empty and full conditions, a half-full flag, and a programmable
almost-full/almost-empty flag.
The SN74ABT7819A is a clocked FIFO, which means each port employs a synchronous interface. All data
transfers through a port are gated to the low-to-high transition of a continuous (free-running) port clock by enable
signals. The continuous clocks for each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple bidirectional interface between
microprocessors and/or buses with synchronous control.
The state of the A0–A17 outputs is controlled by the port-A chip select (CSA) and the port-A write/read select
(W/RA). When both CSA and W/RA are low, the outputs are active. The A0–A17 outputs are in the
high-impedance state when either CSA or W/RA is high. Data is written to FIFOA–B from port A on the
low-to-high transition of the port-A clock (CLKA) input when CSA is low, W/RA is high, the port-A write enable
(WENA) is high, and the port-A input-ready (IRA) flag is high. Data is read from FIFOB–A to the A0–A17 outputs
on the low-to-high transition of CLKA when CSA is low, W/RA is low, the port-A read enable (RENA) is high,
and the port-A output-ready (ORA) flag is high.


Numéro de pièce similaire - SN74ABT7819A-10PH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI1-SN74ABT7819 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PH TI-SN74ABT7819-10PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-10PN TI-SN74ABT7819-10PN Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819-12PH TI-SN74ABT7819-12PH Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Description similaire - SN74ABT7819A-10PH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7819 TI-SN74ABT7819 Datasheet
284Kb / 20P
[Old version datasheet]   512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI1-SN74ACT3638_05 Datasheet
552Kb / 33P
[Old version datasheet]   512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI-SN74ACT3632 Datasheet
407Kb / 27P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7803 TI-SN74ALVC7803 Datasheet
196Kb / 14P
[Old version datasheet]   512 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7820 TI-SN54ABT7820 Datasheet
199Kb / 14P
[Old version datasheet]   512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
[Old version datasheet]   512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com