Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC241PW Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HC241PW
Description  Octal buffer/line driver; 3-state
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC241PW Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HC241PW Datasheet HTML 1Page - NXP Semiconductors 74HC241PW Datasheet HTML 2Page - NXP Semiconductors 74HC241PW Datasheet HTML 3Page - NXP Semiconductors 74HC241PW Datasheet HTML 4Page - NXP Semiconductors 74HC241PW Datasheet HTML 5Page - NXP Semiconductors 74HC241PW Datasheet HTML 6Page - NXP Semiconductors 74HC241PW Datasheet HTML 7Page - NXP Semiconductors 74HC241PW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
September 1993
5
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT241
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min. max.
tPHL/ tPLH
propagation delay
1An to 1Yn;
2An to 2Yn
25
9
7
100
20
17
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.5
tPZH/ tPZL
3-state output enable time
1OE to 1Yn;
2OE to 2Yn
30
11
9
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tPHZ/ tPLZ
3-state output disable time
1OE to 1Yn;
2OE to 2Yn
39
14
11
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.5


Numéro de pièce similaire - 74HC241PW

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC241PW NEXPERIA-74HC241PW Datasheet
246Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 15 July 2021
More results

Description similaire - 74HC241PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com