Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD40161B Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD40161B
Description  CMOS Synchronous Programmable 4-Bit Counters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD40161B Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CD40161B Datasheet HTML 4Page - Texas Instruments CD40161B Datasheet HTML 5Page - Texas Instruments CD40161B Datasheet HTML 6Page - Texas Instruments CD40161B Datasheet HTML 7Page - Texas Instruments CD40161B Datasheet HTML 8Page - Texas Instruments CD40161B Datasheet HTML 9Page - Texas Instruments CD40161B Datasheet HTML 10Page - Texas Instruments CD40161B Datasheet HTML 11Page - Texas Instruments CD40161B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD40160BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD40161BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD40161BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD40161BNSR
ACTIVE
SO
NS
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD40161BPW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD40161BPWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Numéro de pièce similaire - CD40161B

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD40161B NSC-CD40161B Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
logo
Texas Instruments
CD40161B-MIL TI1-CD40161B-MIL Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40161BC NSC-CD40161BC Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
CD40161BCJ NSC-CD40161BCJ Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
CD40161BCN NSC-CD40161BCN Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results

Description similaire - CD40161B

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com