Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT181N3 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
74HCT181N3 Fiches technique(HTML) 9 Page - NXP Semiconductors |
9 / 20 page 1998 Jun 10 9 Philips Semiconductors Product specification 4-bit arithmetic logic unit 74HC/HCT181 AC CHARACTERISTICS FOR 74HC GND = 0 V; tr =tf = 6 ns; CL = 50 pF SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HC VCC (V) MODE OTHER +25 −40 to +85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay Cn to Cn+4 55 20 16 165 33 28 205 41 35 250 50 43 ns 2.0 4.5 6.0 sum diff M=0V; Fig.9; Tables 1 and 2 tPHL/ tPLH propagation delay Cn to Fn 69 25 20 200 40 34 250 50 43 300 60 51 ns 2.0 4.5 6.0 sum diff M=0V; Fig.9; Tables 1 and 2 tPHL/ tPLH propagation delay An to G 72 26 21 210 42 36 265 53 45 315 63 54 ns 2.0 4.5 6.0 sum M=S1 =S2 =0V; S0 =S3 = 4.5 V; Fig.7; Table 1 tPHL/ tPLH propagation delay Bn to G 77 28 22 230 46 39 290 58 49 345 69 59 ns 2.0 4.5 6.0 sum M=S1 =S2 =0V; S0 =S3 = 4.5 V; Fig.7; Table 1 tPHL/ tPLH propagation delay An to G 76 26 21 215 43 37 270 54 46 320 65 55 ns 2.0 4.5 6.0 diff M=S0 =S3 =0V; S1 =S2 = 4.5 V; Fig.8; Table 2 tPHL/ tPLH propagation delay Bn to G 77 28 22 240 48 41 300 60 51 360 72 61 ns 2.0 4.5 6.0 diff M=S0 =S3 =0V; S1 =S2 = 4.5 V; Fig.8; Table 2 tPHL/ tPLH propagation delay An to P 61 22 18 185 37 31 230 46 39 280 56 48 ns 2.0 4.5 6.0 sum M=S1 =S2 =0V; S0 =S3 = 4.5 V; Fig.7; Table 1 tPHL/ tPLH propagation delay Bn to P 63 23 18 195 39 33 245 49 42 295 59 50 ns 2.0 4.5 6.0 sum M=S1 =S2 =0V; S0 =S3 = 4.5 V; Fig.7; Table 1 tPHL/ tPLH propagation delay An to P 55 20 16 170 34 29 215 43 37 255 51 43 ns 2.0 4.5 6.0 diff M=S0 =S3 =0V; S1 =S2 = 4.5 V; Fig.8; Table 2 tPHL/ tPLH propagation delay Bn to P 63 23 18 195 39 33 245 49 42 295 59 50 ns 2.0 4.5 6.0 diff M=S0 =S3 =0V; S1 =S2 = 4.5 V; Fig.8; Table 2 tPHL/ tPLH propagation delay Ai to Fi 77 28 22 230 46 39 290 58 49 345 69 59 ns 2.0 4.5 6.0 sum M=S1 =S2 =0V; S0 =S3 = 4.5 V; Fig.7; Table 1 tPHL/ tPLH propagation delay Bi to Fi 85 31 25 255 51 43 320 64 54 385 77 65 ns 2.0 4.5 6.0 sum M=S1 =S2 =0V; S0 =S3 = 4.5 V; Fig.7; Table 1 tPHL/ tPLH propagation delay Ai to Fi 77 28 22 235 47 40 295 59 50 355 71 60 ns 2.0 4.5 6.0 diff M=S0 =S3 =0V; S1 =S2 = 4.5 V; Fig.8; Table 2 tPHL/ tPLH propagation delay Bi to Fi 83 31 24 255 51 43 320 64 54 385 77 65 ns 2.0 4.5 6.0 diff M=S0 =S3 =0V; S1 =S2 = 4.5 V; Fig.8; Table 2 |
Numéro de pièce similaire - 74HCT181N3 |
|
Description similaire - 74HCT181N3 |