Moteur de recherche de fiches techniques de composants électroniques |
|
74HC164 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
74HC164 Fiches technique(HTML) 8 Page - NXP Semiconductors |
8 / 8 page 9397 750 14693 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 4 April 2005 8 of 24 Philips Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register Tamb = −40 °C to +125 °C VIH HIGH-level input voltage VCC = 2.0 V 1.5 - - V VCC = 4.5 V 3.15 - - V VCC = 6.0 V 4.2 - - V VIL LOW-level input voltage VCC = 2.0 V - - 0.5 V VCC = 4.5 V - - 1.35 V VCC = 6.0 V - - 1.8 V VOH HIGH-level output voltage VI =VIH or VIL - IO = −20 µA; VCC = 2.0 V 1.9 - - V IO = −20 µA; VCC = 4.5 V 4.4 - - V IO = −20 µA; VCC = 6.0 V 5.9 - - V IO = −4 mA; VCC = 4.5 V 3.7 - - V IO = −5.2 mA; VCC = 6.0 V 5.2 - - V VOL LOW-level output voltage VI =VIH or VIL - IO =20 µA; VCC = 2.0 V - - 0.1 V IO =20 µA; VCC = 4.5 V - - 0.1 V IO =20 µA; VCC = 6.0 V - - 0.1 V IO = 4 mA; VCC = 4.5 V - - 0.4 V IO = 5.2 mA; VCC = 6.0 V - - 0.4 V ILI input leakage current VI =VCC or GND; VCC = 6.0 V - - ±1.0 µA ICC quiescent supply current VI =VCC or GND; IO =0A; VCC = 6.0 V - - 160 µA Table 7: Static characteristics for 74HC164 …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Table 8: Static characteristics for 74HCT164 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit Tamb =25 °C VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA; VCC = 4.5 V 4.4 4.5 - V IO = −4 mA; VCC = 4.5 V 3.98 4.32 - V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA; VCC = 4.5 V - 0 0.1 V IO = 4 mA; VCC = 4.5 V - 0.15 0.26 V ILI input leakage current VI =VCC or GND; VCC = 5.5 V - - ±0.1 µA ICC quiescent supply current VI =VCC or GND; IO =0A; VCC = 5.5 V - - 8.0 µA ∆ICC additional quiescent supply current per input pin VI =VCC − 2.1 V; other inputs VI =VCC or GND; VCC = 4.5 V to 5.5 V; IO =0A - 100 360 µA CI input capacitance - 3.5 - pF |
Numéro de pièce similaire - 74HC164 |
|
Description similaire - 74HC164 |