Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC1G66GV Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HC1G66GV
Description  Bilateral switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G66GV Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HC1G66GV Datasheet HTML 6Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 7Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 8Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 9Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 10Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 11Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 12Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 13Page - NXP Semiconductors 74HC1G66GV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2002 May 15
10
Philips Semiconductors
Product specification
Bilateral switch
74HC1G66; 74HCT1G66
Type 74HC1G66 and 74HCT1G66
At recommended conditions and typical values. GND = 0 V; tr =tf = 6.0 ns. Vis is the input voltage at pins Y or Z,
whichever is assigned as an input; Vos is the output voltage at pins Y or Z, whichever is assigned as an output.
Notes
1. Adjust input voltage Vis is 0 dBm level (0 dBM = 1 mW into 600 Ω).
2. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBM = 1 mW into 50 Ω).
SYMBOL
PARAMETER
TEST CONDITIONS
Vis(p-p) (V)
VCC (V)
TYP.
UNIT
sine-wave distortion
f = 1 kHz
RL =10kΩ; CL = 50 pF; see Fig.12
4.0
4.5
0.04
%
8.0
9.0
0.02
%
sine-wave distortion
f = 10 kHz
RL =10kΩ; CL = 50 pF; see Fig.12
4.0
4.5
0.12
%
8.0
9.0
0.06
%
switch OFF signal
feed-through
RL = 600 Ω; CL = 50 pF; f = 1 MHz;
see Figs 9 and 13
note 1
4.5
−50
dB
9.0
−50
dB
fmax
minimum frequency
response (
−3 dB)
RL =50 Ω;CL = 10 pF;
see Figs 10 and 11
note 2
4.5
180
MHz
9.0
200
MHz
CS
maximum switch
capacitance
8pF


Numéro de pièce similaire - 74HC1G66GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G66GV NXP-74HC1G66GV Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HC1G66GV NEXPERIA-74HC1G66GV Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HC1G66GV-Q100 NEXPERIA-74HC1G66GV-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
More results

Description similaire - 74HC1G66GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com