Moteur de recherche de fiches techniques de composants électroniques |
|
ES-22-CV-8-FPCK-A5 Fiches technique(PDF) 5 Page - DB Lectro Inc |
|
ES-22-CV-8-FPCK-A5 Fiches technique(HTML) 5 Page - DB Lectro Inc |
5 / 5 page 1 2 3 Comm SCHEMATIC 1 2 3 Comm SCHEMATIC Model No. Switching position Term. Comm. ES-20 off Mom open 2-1 SCHEMATIC Model No. Switching position Term. Comm. ES-26A on Mom ES-27A on Mom 2-1 2-3 Model No. Switching position Term. Comm. ES-26 off Mom ES-27 off Mom open 2-1 SCHEMATIC Model No. Switching position Term. Comm. ES-20A on Mom 2-1 2-3 CONTACT MATERIAL OPTIONS THE P.C.B MOUNTING Cap and Actuator Option / Cap color Option / Plunger Option please see the page D15 CODE CONTACT MATERIAL TERMINAL MATERIAL RATING Q R G K Silver plated Gold plated over nickel plated Gold plated over silver plated Gold plated over nickel plated Silver plated Gold plated over nickel plated Gold plated over silver plated Tin-lead over nickel plated 0.4VA MAX @ 20 V AC or DC MAX 1 A @ 120V AC or 28 V DC; 0.4 VA MAX @ 20 V AC or DC MAX or 1 A @ 120V AC or 28 V DC; 0.4VA MAX @ 20 V AC or DC MAX THE K option is only for ES-26/ES-26A/ES-27/ES-27A ES-20- R ES-20A- R SPST SPDT ES-20 ES-20A ES-26 ES-26A ES-27 ES-27A ES-26A- K / ES-27A-K ES-26K / ES-27K SPST SPDT ES40-P Sealed Sub-Miniature Push button Switches 17 D .410 10.40 .148 3.78 8.13 .320 EPOXY SEAL .030 0.76 .100 2.54 5.46 .215 .162 4.11 .020 0.51 .020 0.62 5.08 .200 5.08 .200 .320 8.13 .410 10.40 .148 3.78 8.13 .320 EPOXY SEAL .030 0.76 .100 2.54 5.46 .215 .162 4.11 .020 0.51 .020 0.62 5.08 .200 .320 8.13 .100 2.54 .080 2.03 .140 3.56 .090 7.62 .150 3.81 .300 2.29 .080 2.03 .080 2.03 .300 2.29 .150 3.81 .040 1.02 .140 3.56 .090 7.62 .080 2.03 .271 6.90 .313 7.96 .031 0.80 .070 1.80 .313 7.96 .082 2.10 .031 0.80 .100 2.54 .070 1.80 .271 6.90 .200 5.08 .082 2.10 .082 2.10 .313 7.96 .313 7.96 .082 2.10 .031 0.80 .031 0.80 .100 2.54 .070 1.80 .271 6.90 .039 dia 1.00 dia .150 3.81 .271 6.90 .070 1.80 .039 dia 1.00 dia .150 3.81 .200 5.08 EPOXY SEAL .083 2.10 .150 3.81 .320 8.13 .162 4.11 .200 5.08 .050 1.27 .039 1.00 with positioning pings: ES-26-K without positioning pings:ES-27-K .100 2.54 .215 5.46 .149 3.78 .200 5.08 EPOXY SEAL .083 2.10 .150 3.81 .320 8.13 .162 4.11 .200 5.08 .100 2.54 .050 1.27 .039 1.00 with positioning pings: ES-26A-K without positioning pings:ES-27A-K .100 2.54 .215 5.46 .149 3.78 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 DB LECTRO Inc. |
Numéro de pièce similaire - ES-22-CV-8-FPCK-A5 |
|
Description similaire - ES-22-CV-8-FPCK-A5 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |