Moteur de recherche de fiches techniques de composants électroniques |
|
CA42685M016AA Fiches technique(PDF) 2 Page - DB Lectro Inc |
|
CA42685M016AA Fiches technique(HTML) 2 Page - DB Lectro Inc |
2 / 5 page CA42 Dipped Tantalum Capacitors. 4 6.3 10 16 25(20) 35 50 0.1 104 A A 0.15 154 A A 0.22 224 A A 0.33 334 A A 0.47 474 A A 0.68 684 A A 1 105 AAAB 1.5 155 A A A C 2.2 225 A A A B C 3.3 335 A A A B B D 4.7 475 A A A B B C D 6.8 685 A A B B C D E 10 106 A B B B C D E 15 156 A B C C D E F 22 226 B C C C D E F 33 336 B C D D E F 47 476 C D D D E F 68 686 D D D E F 100 107 D E E E F 150 157 E E E F 220 227 E E F 330 337 F F Cap. ¨Ì ¨Ì ¨Ì ¨Ì F© © © © Code Rated voltage (V) CA42 105 K 035 A A Type Capacitance Tolerance DC voltage Leads pitch Packaging 4V=004 K=–10% 6.3V=006 M=–20% 10V=010 A=2.5mm J=–5% 16V=016 B=5.0mm 25V=025 35V=035 40V=040 50V=050 Dipped Tanatalum Capacitors 105: 10X10 5(pF)This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. T=Tape and reel A=Ammo pack B=bulk pack Capacitance range,Case size(Letters stand for case sizes) How To Order (CA42 105 K 035 A A) DB LECTRO Inc. DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 |
Numéro de pièce similaire - CA42685M016AA |
|
Description similaire - CA42685M016AA |