Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQD16N25C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQD16N25C
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD16N25C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQD16N25C Datasheet HTML 1Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 2Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 3Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 4Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 5Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 6Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 7Page - Fairchild Semiconductor FQD16N25C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FQD16N25C Rev. A
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
24
6
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
Notes :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
1020304050
0.0
0.5
1.0
1.5
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
1020
3040
50
0
2
4
6
8
10
12
V
DS = 125V
V
DS = 50V
V
DS = 200V
Note : I
D = 15.6A
Q
G, Total Gate Charge [nC]


Numéro de pièce similaire - FQD16N25C

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQD16N25C ISC-FQD16N25C Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
2023-8-17
logo
Fairchild Semiconductor
FQD16N25CTF FAIRCHILD-FQD16N25CTF_12 Datasheet
842Kb / 8P
   250V N-Channel MOSFET
FQD16N25CTM FAIRCHILD-FQD16N25CTM_12 Datasheet
842Kb / 8P
   250V N-Channel MOSFET
FQD16N25C FAIRCHILD-FQD16N25C_12 Datasheet
842Kb / 8P
   250V N-Channel MOSFET
More results

Description similaire - FQD16N25C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com