Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM2T3V3A Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce SM2T3V3A
Description  Low voltage TRANSIL?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM2T3V3A Fiches technique(HTML) 4 Page - STMicroelectronics

  SM2T3V3A Datasheet HTML 1Page - STMicroelectronics SM2T3V3A Datasheet HTML 2Page - STMicroelectronics SM2T3V3A Datasheet HTML 3Page - STMicroelectronics SM2T3V3A Datasheet HTML 4Page - STMicroelectronics SM2T3V3A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3 Ordering information
SM2T3V3A
4/5
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base quantity
Delivery mode
SM2T3V3A
MUL
STmite
15.5 mg
12000
Tape & Reel
Date
Revision
Description of changes
10-Oct-2005
1
First Issue


Numéro de pièce similaire - SM2T3V3A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
SM2T STMICROELECTRONICS-SM2T Datasheet
54Kb / 6P
   TRANSIL?
SM2T14A STMICROELECTRONICS-SM2T14A Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
SM2T18A STMICROELECTRONICS-SM2T18A Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
SM2T27A STMICROELECTRONICS-SM2T27A Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
More results

Description similaire - SM2T3V3A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SMM4F12AVCL STMICROELECTRONICS-SMM4F12AVCL Datasheet
89Kb / 7P
   400 W low clamping voltage Transil?
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com