Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFF6636A Fiches technique(PDF) 1 Page - CTS Corporation

No de pièce KFF6636A
Description  KFF6636A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6636A Fiches technique(HTML) 1 Page - CTS Corporation

  KFF6636A Datasheet HTML 1Page - CTS Corporation KFF6636A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications
Rev. 1
CTS CORPORATION / MANUFACTURER OF RELIABLE ELECTRONIC COMPONENTS
Model KFF6636A
®
WIRELESS COMPONENTS
Features:
• Small Size
• High Performance
• SMD
Description and
Applications:
This monoblock Duplexer filter is
primarily designed for Cellular Band
applications at 824-894 MHz.
Ceramic Monoblock
Duplex Filter
Antenna to TX Response
Frequency
Specifications @ 25º C
Insertion Loss
824 MHz to 849 MHz
2.4 dB max.
Return Loss
13.0 dB min.
Rejection @ RX Band
869 MHz to 894 MHz
43.0 dB min.
Antenna to RX Response
Frequency
Specifications @ 25º C
Insertion Loss
869 MHz to 894 MHz
3.3 dB max.
Return Loss
13.0 dB min.
Rejection @ TX Band
824 MHz to 849 MHz
58.0 dB min.
TX to RX Response
Frequency
Specifications @ 25º C
Rejection @ RX Band
869 MHz to 894 MHz
44.0 dB min.
Rejection @ TX Band
824 MHz to 849 MHz
60.0 dB min.
Power Rating
3 W
Impedance
50
NOTE: Supplier shall test each filter to the critical electrical specifications listed above or better. Any subsequent audits may deviate due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification
Typical Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB


Numéro de pièce similaire - KFF6636A

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
KFF6636A CTS-KFF6636A_16 Datasheet
95Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com