Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL38US-240-167 Fiches technique(PDF) 5 Page - DB Lectro Inc

No de pièce TL38US-240-167
Description  STANDARD ENCAPSULATED TRANSFORMER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL38US-240-167 Fiches technique(HTML) 5 Page - DB Lectro Inc

  TL38US-240-167 Datasheet HTML 1Page - DB Lectro Inc TL38US-240-167 Datasheet HTML 2Page - DB Lectro Inc TL38US-240-167 Datasheet HTML 3Page - DB Lectro Inc TL38US-240-167 Datasheet HTML 4Page - DB Lectro Inc TL38US-240-167 Datasheet HTML 5Page - DB Lectro Inc TL38US-240-167 Datasheet HTML 6Page - DB Lectro Inc TL38US-240-167 Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STANDARD
ENCAPSULATED
TRANSFORMER
E
K
L
H
B
A
M x 4
N
O
I
C
D
J
F
G
Fig K
Empty pin shall be omitted if necessary.
#1
PRI
#7
#13
#9
SEC
130 C
130 C
#8
#7
#1
#14
#13
#9
PRI
SEC 1
SEC 2
Single Output
Double Output
Dimension (mm)
Series
A
B
C
D
E
F
G
H
I
J
K
L
20 (VA)
67.0
56.0
46.5
4.0
∅0.8
5.0
32.5
∅4.2
82.5
72.5
11.2
43.5
22 (VA)
67.0
56.0
46.5
4.0
∅0.8
5.0
32.5
∅4.2
82.5
72.5
11.2
43.5
25 (VA)
67.0
56.0
46.5
4.0
∅0.8
5.0
32.5
∅4.2
82.5
72.5
11.2
43.5
Tolerance (mm)
Max.
Max.
Max.
±1.0
±0.1
±0.2
±0.5
±0.2
Max.
±0.5
±0.5
±0.5
E
O
I
B
K
A
M x 4
L
H
N
G
C
D
J
F
Fig L
Empty pin shall be omitted if necessary.
#1
PRI
#8
#15
#10
SEC
130 C
#9
#8
#1
#16
#15
#10
PRI
SEC 1
SEC 2
130 C
Single Output
Double Output
Dimension (mm)
Series
A
B
C
D
E
F
G
H
I
J
K
L
30 (VA)
72.5
61.0
50.0
4.0
∅0.8
5.0
35.0
∅4.2
88.0
77.5
10.8
47.5
36 (VA)
72.5
61.0
50.0
4.0
∅0.8
5.0
35.0
∅4.2
88.0
77.5
10.8
47.5
Tolerance (mm)
Max.
Max.
Max.
±1.0
±0.1
±0.2
±0.5
±0.2
Max.
±0.5
±0.5
±0.5
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Numéro de pièce similaire - TL38US-240-167

FabricantNo de pièceFiches techniqueDescription
logo
Transko Electronics, In...
TL38010AS TRANSKO-TL38010AS Datasheet
554Kb / 4P
   380.00 MHz IF SAW Filter / 10.65 MHz Bandwidth
Revision 1: 19 Sep. 2008
TL3803AV TRANSKO-TL3803AV Datasheet
398Kb / 3P
   38.00 MHz IF SAW Filter / 2.7 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL3842 TI-TL3842 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3842 TI-TL3842 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3842B TI-TL3842B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Description similaire - TL38US-240-167

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
TL29E DBLECTRO-TL29E Datasheet
343Kb / 6P
   LOW PROFILE ENCAPSULATED TRANSFORMER
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
Texas Instruments
RF-HDT-DVBE-N0 TI-RF-HDT-DVBE-N0_07 Datasheet
102Kb / 4P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
RF-HDT-DVBE TI1-RF-HDT-DVBE_15 Datasheet
130Kb / 6P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
logo
Texas Instruments
RF-HDT-DVBE TI-RF-HDT-DVBE_11 Datasheet
137Kb / 5P
[Old version datasheet]   13.56-MHz ENCAPSULATED STANDARD TRANSPONDER
logo
Bel Fuse Inc.
ECO-105-24 BEL-ECO-105-24 Datasheet
656Kb / 2P
   EcoTran Standard Series Transformer
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
   Encapsulated
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com