Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA20-48S3V3 Fiches technique(PDF) 3 Page - Artesyn Technologies

No de pièce CXA20-48S3V3
Description  20W DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARTESYN [Artesyn Technologies]
Site Internet  
Logo ARTESYN - Artesyn Technologies

CXA20-48S3V3 Fiches technique(HTML) 3 Page - Artesyn Technologies

  CXA20-48S3V3 Datasheet HTML 1Page - Artesyn Technologies CXA20-48S3V3 Datasheet HTML 2Page - Artesyn Technologies CXA20-48S3V3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STAND-OFFS
4 PLACES
Ø0.040
±0.002
(Ø1.02
±0.05)
2.00
±0.02
(50.80
±0.5)
1.80
(45.72)
1
ALL DIMENSIONS IN INCHES (mm)
General tolerance
±0.010 (±0.25)
unless otherwise specified
2
4
5
6
7
8
0.02
±0.004
(0.50
±0.1)
1.60
±0.02
(40.64
±0.5)
0.70
(17.78)
0.20
(5.08)
0.10
(2.54)
0.30
(7.62)
0.70
(17.78)
0.50
(12.70)
0.60
(15.24)
0.14
±0.02
(3.60
±0.5)
0.413
(10.50)
MAX.
OPEN
FRAME
HEIGHT
BOTTOM
VIEW
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
CXA20 Series
Single and dual output
DC/DC CONVERTERS
20W DC/DC Converters
3
Please consult our website for the following items:
Application Note
Longform Data Sheet
www.artesyn.com
File Name: CXA20.PDF Rev: 11 Jan 2002


Numéro de pièce similaire - CXA20-48S3V3

FabricantNo de pièceFiches techniqueDescription
logo
Emerson Network Power
CXA20-48S3V3J EMERSON-NETWORKPOWER-CXA20-48S3V3J Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
   20 W DC-DC Converters
More results

Description similaire - CXA20-48S3V3

FabricantNo de pièceFiches techniqueDescription
logo
M.S. Kennedy Corporatio...
MSKBBF2800S MSK-MSKBBF2800S Datasheet
443Kb / 11P
   20W DC-DC CONVERTERS
BBF2812S MSK-BBF2812S Datasheet
282Kb / 11P
   20W DC-DC CONVERTERS
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15-670-D12A MURATA-BWR-15-670-D12A Datasheet
161Kb / 6P
   15-20W, Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
   20W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
MicroPower Direct, LLC
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
   Compact, 20W Ultra-High Isolation DC/DC Converters
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
   Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com