Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL88-025-36 Fiches technique(PDF) 2 Page - DB Lectro Inc

No de pièce TL88-025-36
Description  SPLIT-BOBBIN TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL88-025-36 Fiches technique(HTML) 2 Page - DB Lectro Inc

  TL88-025-36 Datasheet HTML 1Page - DB Lectro Inc TL88-025-36 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPLIT-BOBBIN
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
2.5VA
TL88-025-10
TL88-025-12
TL88-025-16
TL88-025-20
TL88-025-24
TL88-025-28
TL88-025-36
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
@0.25A
@0.2A
@0.15A
@0.12A
@0.1A
@0.09A
@0.07A
5V
6.3V
8V
10V
12V
14V
18V
@0.5A
@0.4A
@0.3A
@0.25A
@0.2A
@0.18A
@0.14A
5.0VA
TL88-050-10
TL88-050-12
TL88-050-16
TL88-050-20
TL88-050-24
TL88-050-28
TL88-050-36
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
@0.5A
@0.4A
@0.31A
@0.25A
@0.21A
@0.18A
@0.14A
5V
6.3V
8V
10V
12V
14V
18V
@1.0A
@0.8A
@0.62A
@0.5A
@0.42A
@0.36A
@0.28A
10VA
TL88-100-10
TL88-100-12
TL88-100-16
TL88-100-20
TL88-100-24
TL88-100-28
TL88-100-36
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
@1.0A
@0.8A
@0.62A
@0.5A
@0.42A
@0.36A
@0.28A
5V
6.3V
8V
10V
12V
14V
18V
@2.0A
@1.6A
@1.25A
@1.0A
@0.83A
@0.72A
@0.56A
20VA
TL88-200-10
TL88-200-12
TL88-200-16
TL88-200-20
TL88-200-24
TL88-200-28
TL88-200-36
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
@2.0A
@1.6A
@1.25A
@1.0A
@0.83A
@0.72A
@0.56A
5V
6.3V
8V
10V
12V
14V
18V
@4.0A
@3.2A
@2.5A
@2.0A
@1.66A
@1.44A
@1.12A
30VA
TL88-300-10
TL88-300-12
TL88-300-16
TL88-300-20
TL88-300-24
TL88-300-28
TL88-300-36
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
@3.0A
@2.4A
@1.9A
@1.5A
@1.25A
@1.06A
@0.82A
5V
6.3V
8V
10V
12V
14V
18V
@6.0A
@4.8A
@3.8A
@3.0A
@2.5A
@2.12A
@1.64A
56VA
TL88-560-10
TL88-560-12
TL88-560-16
TL88-560-20
TL88-560-24
TL88-560-28
TL88-560-36
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
@5.6A
@4.4A
@3.5A
@2.8A
@2.33A
@2.0A
@1.56A
5V
6.3V
8V
10V
12V
14V
18V
@11.2A
@8.8A
@7.0A
@5.6A
@4.66A
@4.0A
@3.12A
* ta = 60
°C for 2.5 & 5.0VA Series
* ta = 40
°C for 10, 20, 30 & 56VA Series
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-1424 www.dblectro.com
DB LECTRO Inc.


Numéro de pièce similaire - TL88-025-36

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
TL88 OHMITE-TL88 Datasheet
341Kb / 2P
   Modular Heat Sinkable Thick Film Power
logo
List of Unclassifed Man...
TL880 ETC-TL880 Datasheet
226Kb / 2P
   DTVPC Decoder
logo
Toshiba Semiconductor
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
Ohmite Mfg. Co.
TL88FR500E OHMITE-TL88FR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
TL88FUR500E OHMITE-TL88FUR500E Datasheet
126Kb / 2P
   Modular Heat Sinkable Thick Film Power
More results

Description similaire - TL88-025-36

FabricantNo de pièceFiches techniqueDescription
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
DB Lectro Inc
TL66-2F-10 DBLECTRO-TL66-2F-10 Datasheet
200Kb / 2P
   TWIN-BOBBIN TRANSFORMER
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Premier Magnetics, Inc.
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
   SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com