Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA2902V Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA2902V
Description  Four-Channel High-Output Line Amplifier for Car Audio Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2902V Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA2902V Datasheet HTML 1Page - Sanyo Semicon Device LA2902V Datasheet HTML 2Page - Sanyo Semicon Device LA2902V Datasheet HTML 3Page - Sanyo Semicon Device LA2902V Datasheet HTML 4Page - Sanyo Semicon Device LA2902V Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering number : ENN7140
O3001TN (OT) No. 7140-1/5
Overview
The LA2902V is a high output level 4-channel line
amplifier designed for car audio systems. This line
amplifier provides an output signal with a significantly
higher amplitude than the output signal provided by earlier
preamplifiers. This higher amplitude significantly
improves the signal-to-noise ratio in the connection from
the main unit to the external power amplifier, and results
in improved power amplifier performance.
The LA2902V also significantly reduces the required
mounting area by cutting in half the number of external
capacitors required for boosting the signal-system supply
voltage and is available in SSOP miniature package.
Functions and Features
• High output level (5.3 Vrms)
• Low output noise voltage (17 µV)
• Low total harmonic distortion (0.004%)
• High ripple rejection ratio (65 dB)
• Fewer external parts required
• Excellent audio fidelity
Package Dimensions
unit: mm
3175B-SSOP24 (275 mil)
1
7.8
24
0.65
0.22
(0.33)
0.15
SANYO: SSOP24 (275 mil)
[LA2902V]
LA2902V
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Four-Channel High-Output Line Amplifier
for Car Audio Systems
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
With no input signal
13
V
Allowable power dissipation
Pd max
Ta
≤ 85°C, Mounted on a printed circuit board
400
mW
(114.3
× 76.1 × 1.6 mm3, glass epoxy)
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C


Numéro de pièce similaire - LA2902V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA2900 SANYO-LA2900 Datasheet
40Kb / 5P
   Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2900M SANYO-LA2900M Datasheet
40Kb / 5P
   Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2901 SANYO-LA2901 Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
   LED ARRAY
More results

Description similaire - LA2902V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2900M SANYO-LA2900M Datasheet
40Kb / 5P
   Two-Channel High-Output Line Amplifier for Car Audio Systems
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
   Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com