Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F3893 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74F3893
Description  Quad futurebus backplane transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F3893 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74F3893 Datasheet HTML 1Page - NXP Semiconductors 74F3893 Datasheet HTML 2Page - NXP Semiconductors 74F3893 Datasheet HTML 3Page - NXP Semiconductors 74F3893 Datasheet HTML 4Page - NXP Semiconductors 74F3893 Datasheet HTML 5Page - NXP Semiconductors 74F3893 Datasheet HTML 6Page - NXP Semiconductors 74F3893 Datasheet HTML 7Page - NXP Semiconductors 74F3893 Datasheet HTML 8Page - NXP Semiconductors 74F3893 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F3893
Quad Futurebus backplane transceiver
January 18, 1991
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
IOH
High–level output current
I/On
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 1.5V
10
100
µA
VOH
High-level output voltage
Rn
VCC = MAX, VIL = 1.3V, RE = 0.8V, IOH = MAX
2.5
V
VOHB
High-level output bus voltage
I/On
VCC = MAX, Dn = DE = 0.8V, VT = 2.0V,
RT = 10Ω, RE = 2.0V
2.5
V
VOL
Low-level output voltage
Rn
VCC = MIN, VIN = 1.8V, RE = 0.8V, IOL = 6mA
0.35
0.5
V
VOLB
Low-level output
I/On
Dn = DE = VIH, IOL = 100mA
0.75
1.0
1.2
V
bus voltage
Dn = DE = VIH, IOL = 80mA
0.75
1.0
1.1
V
VOCB
Driver output positive
I/On
VCC = MAX or 0V,
I/On = 1mA
1.9
2.9
V
clamp voltage
Dn = DE = 0.8V, RE = 2.0V
I/On = 10mA
2.3
3.2
V
VIK
Input clamp voltage
VCC = MIN, II =IIK
–0.73
-1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V, DE = RE = Dn = VCC
100
µA
IIH
High–level input current
Dn, RE, DE
VCC = MAX, DE = RE = Dn =5.5V
20
µA
IIHB
High–level I/O bus current
(power off)
I/On
VCC = 0V, Dn = DE = 0.8V, I/On =1.2V, RE = 0V
100
µA
IIL
Low–level input current
Dn, RE
VCC = MAX, VI = 0.5V, DE = 4.5V
–40
µA
DE
VCC = MAX, VI = 0.5V, Dn = 4.5V
–200
µA
IILB
Low–level I/O bus current
(power on)
I/On
VCC = MAX, Dn = DE = 0.8V, I/On =0.75V,
RE = 0V
–20
20
µA
IOZH
Off–state output current,
high–level voltage applied
Rn
VCC = MAX, VI = 2.7V, RE = 2V
20
µA
IOZL
Off–state output current,
low–level voltage applied
VCC = MAX, VI = 0.5V, RE = 2V
–20
µA
IOS
Short circuit output current3
Rn
’F8
VCC = MAX
-60
-150
mA
ICC
Supply current4 (total)
VCC = MAX, (RE = VIH or VIL)
55
80
mA
Notes to DC electrical characteristics
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Numéro de pièce similaire - 74F3893

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F38 NSC-74F38 Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
   Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38 Datasheet
58Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
74F38 FAIRCHILD-74F38 Datasheet
66Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
Texas Instruments
74F38 TI-74F38 Datasheet
393Kb / 10P
[Old version datasheet]   54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
More results

Description similaire - 74F3893

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74F3893A MOTOROLA-MC74F3893A Datasheet
37Kb / 5P
   QUAD FUTUREBUS BACKPLANE TRANSCEIVER
logo
Texas Instruments
SN75ALS053 TI1-SN75ALS053 Datasheet
274Kb / 11P
[Old version datasheet]   QUADRUPLE FUTUREBUS TRANSCEIVER
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
logo
Vitesse Semiconductor C...
VSC7226 VITESSE-VSC7226 Datasheet
108Kb / 2P
   Quad 3.125Gb/s Backplane Transceiver
logo
Texas Instruments
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Vitesse Semiconductor C...
VSC7216-02 VITESSE-VSC7216-02 Datasheet
113Kb / 2P
   02 Low Power Quad 1.25Gb/s Backplane Transceiver
logo
NXP Semiconductors
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com