Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4338 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce 2N4338
Description  N-Channel JFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4338 Fiches technique(HTML) 4 Page - Vishay Siliconix

  2N4338 Datasheet HTML 1Page - Vishay Siliconix 2N4338 Datasheet HTML 2Page - Vishay Siliconix 2N4338 Datasheet HTML 3Page - Vishay Siliconix 2N4338 Datasheet HTML 4Page - Vishay Siliconix 2N4338 Datasheet HTML 5Page - Vishay Siliconix 2N4338 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N4338/4339/4340/4341
Vishay Siliconix
www.vishay.com
7-4
Document Number: 70240
S-04028—Rev. E, 04-Jun-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
1500
0
–3
–5
–4
–2
–1
1200
900
600
300
0
0.01
0.1
1
2
1.6
0.8
0.4
0
10
8
4
2
0
400
012
16
420
320
160
80
0
2
012
16
8
420
1.6
1.2
0.8
0.4
0
Output Characteristics
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
Common-Source Forward Transconductance
vs. Drain Current
Output Characteristics
ID – Drain Current (mA)
VGS(off) – Gate-Source Cutoff Voltage (V)
VDS – Drain-Source Voltage (V)
VDS – Drain-Source Voltage (V)
TA = –55_C
125
_C
VGS = 0 V
–0.2 V
–0.4 V
VGS = 0 V
–0.6 V
–0.9 V
–0.1 V
–0.3 V
rDS @ ID = 100 mA, VGS = 0 V
gos @ VDS= 10 V, VGS = 0 V, f = 1 kHz
rDS
gos
VGS(off) = –1.5 V
–0.3 V
6
1.2
240
8
VDS = 10 V
f = 1 kHz
VGS(off) = –0.7 V
VGS(off) = –1.5 V
–1.2 V
–0.5 V
Output Characteristics
300
0
0.5
240
180
120
60
0
VDS – Drain-Source Voltage (V)
0.1
0.2
0.3
0.4
VGS = 0 V
–0.1 V
–0.2 V
–0.3 V
–0.4 V
VGS(off) = –0.7 V
–0.5 V
Output Characteristics
1
0
1.0
0.8
0.6
0.4
0.2
0
VDS – Drain-Source Voltage (V)
0.2
0.4
0.6
0.8
VGS = 0 V
–0.3 V
–0.6 V
–0.9 V
VGS(off) = –1.5 V
–1.2 V
25
_C


Numéro de pièce similaire - 2N4338

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
2N4338 CALOGIC-2N4338 Datasheet
19Kb / 1P
   N-Channel JFET Low Noise Amplifier
logo
Central Semiconductor C...
2N4338 CENTRAL-2N4338 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
logo
InterFET Corporation
2N4338 INTERFET-2N4338 Datasheet
92Kb / 1P
   N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Central Semiconductor C...
2N4338 CENTRAL-2N4338 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Intersil Corporation
2N4338 INTERSIL-2N4338 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Description similaire - 2N4338

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com