Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2832YSDX Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2832YSDX
Description  High Frequency 2.0A Load - Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2832YSDX Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2832YSDX Datasheet HTML 7Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 8Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 9Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 10Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 11Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 12Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 13Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 14Page - National Semiconductor (TI) LM2832YSDX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Applications Information
THEORY OF OPERATION
The LM2832 is a constant frequency PWM buck regulator IC
that delivers a 2.0A load current. The regulator has a preset
switching frequency of 1.6MHz or 3.0MHz. This high fre-
quency allows the LM2832 to operate with small surface
mount capacitors and inductors, resulting in a DC/DC con-
verter that requires a minimum amount of board space. The
LM2832 is internally compensated, so it is simple to use and
requires few external components. The LM2832 uses
current-mode control to regulate the output voltage. The
following operating description of the LM2832 will refer to the
Simplified Block Diagram (Figure 1) and to the waveforms in
Figure 2. The LM2832 supplies a regulated output voltage by
switching the internal PMOS control switch at constant fre-
quency and variable duty cycle. A switching cycle begins at
the falling edge of the reset pulse generated by the internal
oscillator. When this pulse goes low, the output control logic
turns on the internal PMOS control switch. During this on-
time, the SW pin voltage (V
SW) swings up to approximately
V
IN, and the inductor current (IL) increases with a linear
slope. I
L is measured by the current sense amplifier, which
generates an output proportional to the switch current. The
sense signal is summed with the regulator’s corrective ramp
and compared to the error amplifier’s output, which is pro-
portional to the difference between the feedback voltage and
V
REF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins.
During the switch off-time, inductor current discharges
through the Schottky catch diode, which forces the SW pin to
swing below ground by the forward voltage (V
D)ofthe
Schottky catch diode. The regulator loop adjusts the duty
cycle (D) to maintain a constant output voltage.
SOFT-START
This function forces V
OUT to increase at a controlled rate
during start up. During soft-start, the error amplifier’s refer-
ence voltage ramps from 0V to its nominal value of 0.6V in
approximately 600 µs. This forces the regulator output to
ramp up in a controlled fashion, which helps reduce inrush
current.
OUTPUT OVERVOLTAGE PROTECTION
The over-voltage comparator compares the FB pin voltage
to a voltage that is 15% higher than the internal reference
V
REF. Once the FB pin voltage goes 15% above the internal
reference, the internal PMOS control switch is turned off,
which allows the output voltage to decrease toward regula-
tion.
UNDERVOLTAGE LOCKOUT
Under-voltage lockout (UVLO) prevents the LM2832 from
operating until the input voltage exceeds 2.73V (typ). The
UVLO threshold has approximately 430 mV of hysteresis, so
the part will operate until V
IN drops below 2.3V (typ). Hys-
teresis prevents the part from turning off during power up if
V
IN is non-monotonic.
CURRENT LIMIT
The LM2832 uses cycle-by-cycle current limiting to protect
the output switch. During each switching cycle, a current limit
comparator detects if the output switch current exceeds
3.25A (typ), and turns off the switch until the next switching
cycle begins.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning
off the output switch when the IC junction temperature ex-
ceeds 165˚C. After thermal shutdown occurs, the output
switch doesn’t turn on until the junction temperature drops to
approximately 150˚C.
20197566
FIGURE 2. Typical Waveforms
www.national.com
11


Numéro de pièce similaire - LM2832YSDX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2832YSD/NOPB TI1-LM2832YSD/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results

Description similaire - LM2832YSDX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
   2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com