Moteur de recherche de fiches techniques de composants électroniques |
|
LM2832YSDX Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM2832YSDX Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
4 / 27 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. VIN -0.5V to 7V FB Voltage -0.5V to 3V EN Voltage -0.5V to 7V SW Voltage -0.5V to 7V ESD Susceptibility 2kV Junction Temperature (Note 2) 150˚C Storage Temperature −65˚C to +150˚C Soldering Information Infrared or Convection Reflow (15 sec) 220˚C Operating Ratings VIN 3V to 5.5V Junction Temperature −40˚C to +125˚C Electrical Characteristics VIN = 5V unless otherwise indicated under the Conditions column. Limits in standard type are for T J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values represent the most likely parametric norm at T J = 25˚C, and are provided for reference purposes only. Symbol Parameter Conditions Min Typ Max Units V FB Feedback Voltage LLP-6 Package 0.588 0.600 0.612 V eMSOP-8 Package 0.584 0.600 0.616 ∆V FB/VIN Feedback Voltage Line Regulation V IN = 3V to 5V 0.02 %/V I B Feedback Input Bias Current 0.1 100 nA UVLO Undervoltage Lockout V IN Rising 2.73 2.90 V V IN Falling 1.85 2.3 UVLO Hysteresis 0.43 V F SW Switching Frequency LM2832-X 1.2 1.6 1.95 MHz LM2832-Y 0.4 0.55 0.7 LM2832-Z 2.25 3.0 3.75 D MAX Maximum Duty Cycle LM2832-X 86 94 % LM2832-Y 90 96 LM2832-Z 82 90 D MIN Minimum Duty Cycle LM2832-X 5 % LM2832-Y 2 LM2832-Z 7 R DS(ON) Switch On Resistance LLP-6 Package 150 m Ω eMSOP-8 Package 155 240 I CL Switch Current Limit V IN = 3.3V 2.4 3.25 A V EN_TH Shutdown Threshold Voltage 0.4 V Enable Threshold Voltage 1.8 I SW Switch Leakage 100 nA I EN Enable Pin Current Sink/Source 100 nA I Q Quiescent Current (switching) LM2832X V FB = 0.55 3.3 5 mA LM2831Y V FB = 0.55 2.8 4.5 LM2832Z V FB = 0.55 4.3 6.5 Quiescent Current (shutdown) All Options V EN =0V 30 nA www.national.com 4 |
Numéro de pièce similaire - LM2832YSDX |
|
Description similaire - LM2832YSDX |