Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SSM2302 Datasheet(Fiches technique) 5 Page - Analog Devices

Numéro de pièce SSM2302
Description  Filterless High Efficiency Class-D Stereo Audio Amplifier
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo 

 
 5 page
background image
SSM2302
Rev. 0 | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
OUTL+
2
OUTL–
3
SD
4
INL+
11 OUTR–
12 OUTR+
10 GAIN
9 INR+
TOP VIEW
(Not to Scale)
SSM2302
Figure 2. SSM2302 LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTL+
Inverting Output for Left Channel.
2
OUTL−
Noninverting Output for Left Channel.
3
SD
Shutdown Input. Active low digital input.
4
INL+
Noninverting Input for Left Channel.
5
INL−
Inverting Input for Left Channel.
6
NC
No Connect.
7
NC
No Connect.
8
INR−
Inverting Input for Right Channel.
9
INR+
Noninverting Input for Right Channel.
10
GAIN
Gain Selection. Digital input.
11
OUTR−
Noninverting Output for Right Channel.
12
OUTR+
Inverting Output for Right Channel.
13
GND
Ground for Output Amplifiers.
14
VDD
Power Supply for Output Amplifiers.
15
VDD
Power Supply for Output Amplifiers.
16
GND
Ground for Output Amplifiers.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SSM2301Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier 1 2 3 4 5 MoreTexas Instruments
LM4666Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4664Filterless High Efficiency 1.1W Switching Audio Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4671Filterless High Efficiency 2.5W Switching Audio Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4667Filterless High Efficiency 1.3W Switching Audio Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
SSM23042 W Filterless Class-D Stereo Audio Amplifier 1 2 3 4 5 MoreAnalog Devices
LM4665Filterless High Efficiency 1W Switching Audio Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TPA2000D22-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
TPA2001D21-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
LM4670Filterless High Efficiency 3W Switching Audio Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl