Moteur de recherche de fiches techniques de composants électroniques |
|
BC846A Fiches technique(PDF) 4 Page - Weitron Technology |
|
BC846A Fiches technique(HTML) 4 Page - Weitron Technology |
4 / 5 page WEITRON WE IT R ON BC846A/B-BC847A/B/C BC848A/B/C-BC849B/C BC850B/C http://www.weitron.com.tw IC= 10mA 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 0.4 0 2.0 1.6 1.2 0.8 IB, BASE CURRENT (mA) Figure 9. Collector Saturation Region 20mA 50mA 100mA 200mA TA=25 C 0.2 0.5 1.0 -2.0 5.0 10 20 50 100 200 1.0 1.4 1.8 2.2 2.6 3.3 Figure 10. Base-Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) qVB for VBE -55 C to 125 C 0.1 0.2 0.5 1.0 2.0 5.0 10 50 100 20 20 10 40 8.0 6.0 4.0 2.0 VR, REVERSE VOLTAGE (VOLTS) TA=25 C Cib Cob Figure 11. Capacitance 1.0 10 100 Figure 12.Current-Gain-Bandwidth Product IC, COLLECTOR CURRENT (mA) 500 200 100 50 20 VCE=5.0V TA=25 C 5.0 50 0.1 0.2 1.0 10 100 2.0 1.0 0.5 0.2 IC, COLLECTOR CURRENT (mA) Figure 7.DC Current Gain VCE=5V TA=25 C 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 IC, COLLECTOR CURRENT(mA) Figure 8. "ON" Voltage 1.0 0.8 0.6 0.4 0.2 0 TA=25 C VBE(sat)@IC/IB=10 VCE(sat)@IC/IB=10 VBE@VCE=-5.0V BC846 Series |
Numéro de pièce similaire - BC846A |
|
Description similaire - BC846A |