Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F193 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74F193
Description  Up/down binary counter with separate up/down clocks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F193 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74F193 Datasheet HTML 1Page - NXP Semiconductors 74F193 Datasheet HTML 2Page - NXP Semiconductors 74F193 Datasheet HTML 3Page - NXP Semiconductors 74F193 Datasheet HTML 4Page - NXP Semiconductors 74F193 Datasheet HTML 5Page - NXP Semiconductors 74F193 Datasheet HTML 6Page - NXP Semiconductors 74F193 Datasheet HTML 7Page - NXP Semiconductors 74F193 Datasheet HTML 8Page - NXP Semiconductors 74F193 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F193
Up/down binary counter with separate up/down clocks
2
1995 Jul 17
853-0353 15459
FEATURES
Synchronous reversible 4-bit counting
Asynchronous parallel load capability
Asynchronous reset (clear)
Cascadable without external logic
DESCRIPTION
The 74F193 is a 4-bit synchronous up/down counter in the binary
mode. Separate up/down clocks, CPU and CPD respectively,
simplify operation. The outputs change state synchronously with the
Low-to-High transition of either clock input. If the CPU clock is
pulsed while CPD is held High, the device will count up. If CPD clock
is pulsed while CPU is held High, the device will count down. The
device can be cleared at any time by the asynchronous reset pin. It
may also be loaded in parallel by activating the asynchronous
parallel load pin.
Inside the device are four master-slave JK flip-flops with the
necessary steering logic to provide the asynchronous reset,
asynchronous preset, load, and synchronous count up and count
down functions.
Each flip-flop contains JK feedback from slave to master, such that a
Low-to-High transition on the CPD input will decrease the count by
one, while a similar transition on the CPU input will advance the
count by one.
One clock should be held High while counting with the other,
because the circuit will either count by twos or not at all, depending
on the state of the first JK flip-flop, which cannot toggle as long as
either clock input is Low. Applications requiring reversible operation
must make the reversing decision while the activating clock is High
to avoid erroneous counts.
The Terminal Count Up (TCU) and Terminal Count Down (TCD)
outputs are normally High. When the circuit has reached the
maximum count state of 15, the next High-to-Low transition of CPU
will cause TCU to go Low. TCU will stay Low until CPU goes High
again, duplicating the count up clock, although delayed by two gate
delays. Likewise, the TCD output will go Low when the circuit is in
the zero state and the CPD goes Low. The TC outputs can be used
as the clock input signals to the next higher order circuit in a
multistage counter, since they duplicate the clock waveforms.
Multistage counters will not be fully synchronous since there is a
two-gate delay time difference added for each stage that is added.
The counter may be preset by the asynchronous parallel load
capability of the circuit. Information present on the parallel Data
inputs (D0 - D3) is loaded into the counter and appears on the
outputs regardless of the conditions of the clock inputs when the
Parallel Load (PL) input is Low. A High level on the Master Reset
(MR) input will disable the parallel load gates, override both clock
inputs, and set all Q outputs Low. If one of the clock inputs is Low
during and after a reset or load operation, the next Low-to-High
transition of the clock will be interpreted as a legitimate signal and
will be counted.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F193
125MHz
32mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F193N
SOT38-4
16-pin plastic SO
N74F193D
SOT109-1
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D1
Q1
Q0
CPD
CPU
Q2
Q3
D0
TCD
TCU
D2
D3
PL
GND
MR
VCC
SF00745
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D3
Data inputs
1.0/1.0
20
µA/0.6mA
CPU
Count up clock input (active rising edge)
1.0/3.0
20
µA/1.8mA
CPD
Count down clock input (active rising edge)
1.0/3.0
20
µA/1.8mA
PL
Asynchronous parallel load control input (active Low)
1.0/1.0
20
µA/0.6mA
MR
Asynchronous master reset input
1.0/1.0
20
µA/0.6mA
Q0 - Q3
Flip-flop outputs
50/33
1.0mA/20mA
TCU
Terminal count up (carry) output (active Low)
50/33
1.0mA/20mA
TCD
Terminal count down (borrow) output (active Low)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.


Numéro de pièce similaire - 74F193

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F193 NSC-74F193 Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
74F193PC NSC-74F193PC Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F193PC FAIRCHILD-74F193PC Datasheet
97Kb / 8P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
74F193SC NSC-74F193SC Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
More results

Description similaire - 74F193

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
   Up/Down Binary Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
   Up/Down Binary Counter with Separate Up/Down Clocks
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
   Up/Down Decade Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
   Up/Down Decade Counter with Separate Up/Down Clocks
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
   54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com