Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F181 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74F181
Description  Arithmetic logic unit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F181 Fiches technique(HTML) 6 Page - NXP Semiconductors

  74F181 Datasheet HTML 1Page - NXP Semiconductors 74F181 Datasheet HTML 2Page - NXP Semiconductors 74F181 Datasheet HTML 3Page - NXP Semiconductors 74F181 Datasheet HTML 4Page - NXP Semiconductors 74F181 Datasheet HTML 5Page - NXP Semiconductors 74F181 Datasheet HTML 6Page - NXP Semiconductors 74F181 Datasheet HTML 7Page - NXP Semiconductors 74F181 Datasheet HTML 8Page - NXP Semiconductors 74F181 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors FAST Products
Product specification
74F181
Arithmetic logic unit
March 3, 1989
6
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
VOH
High level output voltage
A=B only
4.5
V
IOH
High-level output current
Any output except A=B
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IOH
High-level output
current
A=B only
VCC = MIN, VIL = MAX; VIH = MIN, VOH = MAX
250
µA
VOH
High-level output
voltage
Any output
except A=B
VCC = MIN,
VIL = MAX,
VIH = MIN
IOH = MAX
±10%VCC
2.5
V
VOH
High-level output
voltage
Any output
except A=B
VIL = MAX,
VIH = MIN
IOH = MAX
±5%VCC
2.7
3.4
V
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
VIH = MIN
IOL = MAX
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VIL = MAX,
VIH = MIN
IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
M
VCC = MAX, VI = 0.5V
–0.6
mA
IIL
Low-level input current
A0–A3, B0–B3
VCC = MAX, VI = 0.5V
–1.8
mA
IIL
Low-level input current
S0–S3
VCC = MAX, VI = 0.5V
–2.4
mA
Cn
–3.0
mA
IOS
Short-circuit output
current3
Any output
except A=B
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
ICCH
VCC = MAX
S0–S3=M=A0–A3=4.5V,
B0–B3=Cn=GND
43
65
mA
ICC
Supply current (total)
ICCL
VCC = MAX
S0–S3=M=4.5V,
B0–B3=Cn=A0–A3=GND
43
65
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Numéro de pièce similaire - 74F181

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F181 NSC-74F181 Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Fairchild Semiconductor
74F181 FAIRCHILD-74F181 Datasheet
81Kb / 9P
   4-Bit Arithmetic Logic Unit
logo
National Semiconductor ...
74F181PC NSC-74F181PC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
logo
Fairchild Semiconductor
74F181PC FAIRCHILD-74F181PC Datasheet
81Kb / 9P
   4-Bit Arithmetic Logic Unit
logo
National Semiconductor ...
74F181SC NSC-74F181SC Datasheet
218Kb / 10P
   4-Bit Arithmetic Logic Unit
More results

Description similaire - 74F181

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
74F381 PHILIPS-74F381 Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
logo
Fairchild Semiconductor
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
   4-Bit Arithmetic Logic Unit
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
   4-Bit Arithmetic Logic Unit
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
   4-BIT ARITHMETIC LOGIC UNIT
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
   4-BIT ARITHMETIC LOGIC UNIT
logo
Fairchild Semiconductor
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
   4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
   4-BIT ARITHMETIC LOGIC UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com