Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL230AR Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce TSL230AR
Description  PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TSL230AR Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  TSL230AR Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL230AR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSL230R, TSL230AR, TSL230BR
PROGRAMMABLE LIGHT TOFREQUENCY CONVERTERS
TAOS048 – OCTOBER 2002
4
t
t
Copyright
E 2002, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 1
1
0.1
0.01
0.001
0.001 0.01 0.1
1
10
10
100
OUTPUT FREQUENCY
vs
IRRADIANCE
100
1 k
Ee – Irradiance – µW/cm2
S0 = L, S1 = H
S0 = H, S1 = L
VDD = 5 V
λp = 640 nm
TA = 25°C
S2 = S3 = L
1000
10 k 100 k 1 M
S0 = H, S1 = H
Figure 2
300
400
500
600
700
1000
800
900
1100
λ – Wavelength – nm
0
0.2
0.4
0.6
0.8
1.0
1.2
PHOTODIODE SPECTRAL RESPONSIVITY
Figure 3
DARK FREQUENCY
vs
TEMPERATURE
TA – Temperature – °C
–25
0
25
50
75
0
0.2
0.4
0.6
0.8
1
1.2
VDD = 5 V
Ee = 0
S0 = S1 = H
S2 = S3 = L
Figure 4
λ – Wavelength of Incident Light – nm
VDD = 5 V
TEMPERATURE COEFFICIENT
OF OUTPUT FREQUENCY
vs
WAVELENGTH OF INCIDENT LIGHT
0
1000
2000
3000
4000
5000
6000
7000
300
400
500
600
700
1000
800
900


Numéro de pièce similaire - TSL230AR

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL230AR-LF TAOS-TSL230AR-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230ARD TAOS-TSL230ARD Datasheet
200Kb / 14P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL230ARD AMSCO-TSL230ARD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230ARD ETC2-TSL230ARD Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL230ARP-LF TAOS-TSL230ARP-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com